Electronic Components Datasheet Search
  English  ▼

X  

PS412425 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS412425
Description  POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS412425 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS412425 Datasheet HTML 1Page - Powerex Power Semiconductors PS412425 Datasheet HTML 2Page - Powerex Power Semiconductors PS412425 Datasheet HTML 3Page - Powerex Power Semiconductors PS412425 Datasheet HTML 4Page - Powerex Power Semiconductors PS412425 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
2500 Amperes / Up to 2400 Volts
Revision Date: 05/29/2012
PS41__25
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
Up to 2400
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current Per Diode
(180
o
Conduction)
180
 Conduction, T
C=90C
180
 Conduction, T
C=93C
180
 Conduction, T
C=99C
180
 Conduction, T
C=105C
IF(RMS)
IF(RMS)
IF(RMS)
IF(RMS)
3925
3768
3454
3140
A
A
A
A
Average Forward Current Per Diode
(180
o
Conduction)
180
 Conduction, T
C=90C
180
 Conduction, T
C=93C
180
 Conduction, T
C=99C
180
 Conduction, T
C=105C
IF(AV)
IF(AV)
IF(AV)
IF(AV)
2500
2400
2200
2000
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
90,000
83,000
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
61,000
55,600
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
79,600
72,600
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
53,000
48,400
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
42,000
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
33,500
A
I
2t for Fusing for One Cycle
Tj = 125C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
11.7 x 10
6
11.7 x 10
6
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
C
Storage Temperature
Tstg
-40 to +150
C
Max. Mounting Torque, M6 Mounting Screw
132
15
in.
– Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in.
– Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25C
Vrms
4000
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability of use, reliability, capability,
or future availability of this product.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com