Electronic Components Datasheet Search
  English  ▼

X  

PS413620 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS413620
Description  POW-R-BLOKT Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS413620 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS413620 Datasheet HTML 1Page - Powerex Power Semiconductors PS413620 Datasheet HTML 2Page - Powerex Power Semiconductors PS413620 Datasheet HTML 3Page - Powerex Power Semiconductors PS413620 Datasheet HTML 4Page - Powerex Power Semiconductors PS413620 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
2000 Amperes / Up to 4000 Volts
Revision Date: 05/29/2012
PS41__20
®
Electrical Characteristics, TJ=25C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 4000V, TJ=150C
200
mA
Peak On-State Voltage
VFM
IFM=3000A, TJ=150C
1.20
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150C, I = 15%IT(AV) to πIT(AV)
0.701
0.121
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 150C, I = πIT(AV) to ITSM
1.08
0.069
V
mΩ
VFM Coefficients, Full Range
TJ = 150C, I = 50A to 10kA
VFM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.383
0.0279
4.56 E-05
6.71 E-03
Typical Reverse Recovery Time
trr
TJ = 25C, Ifm = 3000A.
dIr/dt = 25 A/us, tp = 190 us
25
us
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module
0.024
C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/t1))
+ K2 (1-exp(-t/t2))
+ K3 (1-exp(-t/t3))
+ K4 (1-exp(-t/t4))
K1 = 4.05 E-04
K2 = 5.19 E-03
K3 = 1.63 E-02
K4 =2.13 E-03
t1 = 6.24 E-03
t2 = 2.46 E-01
t3 = 8.20
t4 = 35.3
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.009
C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com