Electronic Components Datasheet Search
  English  ▼

X  

PS432415 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS432415
Description  POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 2400 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS432415 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS432415 Datasheet HTML 1Page - Powerex Power Semiconductors PS432415 Datasheet HTML 2Page - Powerex Power Semiconductors PS432415 Datasheet HTML 3Page - Powerex Power Semiconductors PS432415 Datasheet HTML 4Page - Powerex Power Semiconductors PS432415 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single SCR Isolated Module
1500 Amperes / Up to 2400 Volts
Revision Date: 04/07/2010
PS432415
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
Up to 2400
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current AC Switch Configuration
(180
o
Conduction)
(Two PS43__15 in AC Switch Configuration)
180
° Conduction, T
C=76°C
180
° Conduction, T
C=81°C
180
° Conduction, T
C=84°C
180
° Conduction, T
C=89°
IT(RMS)
IT(RMS)
IT(RMS)
IT(RMS)
3300
3080
2860
2640
A
A
A
A
RMS Current
(180
o
Conduction)
180
° Conduction, T
C=76°C
180
° Conduction, T
C=81°C
180
° Conduction, T
C=84°C
180
° Conduction, T
C=89°C
IT(RMS)
IT(RMS)
IT(RMS)
IT(RMS)
2355
2200
2040
1885
A
A
A
A
Average Forward Current
(180
o
Conduction)
180
° Conduction, T
C=76°C
180
° Conduction, T
C=81°C
180
° Conduction, T
C=84°C
180
° Conduction, T
C=89°C
IT(AV)
IT(AV)
IT(AV)
IT(AV)
1500
1400
1300
1200
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = 0
60 Hz
50 Hz
ITSM
ITSM
94,960
86,590
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = Vrrm
60 Hz
50 Hz
ITSM
ITSM
63,300
57,720
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = 0
60 Hz
50 Hz
ITSM
ITSM
81,860
74,640
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = Vrrm
60 Hz
50 Hz
ITSM
ITSM
54,570
49,760
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
ITSM
43,800
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
ITSM
34,430
A
I
2t for Fusing for One Cycle
Tj = 125C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
12.4 x 10
6
12.4 x 10
6
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Per JEDEC Standard 397 5.2.2.6
di/dt
400
A/
μs
Maximum Rate-of-Rise of On-State Current,
(Repetitive)
Per JEDEC Standard 397 5.2.2.6
di/dt
150
A/
μs
Operating Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
132
15
in. – Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in. – Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25C
60 Hz,
60 sec
VAC rms
3000
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability for use, reliability, capability,
or future availability of this product.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com