Electronic Components Datasheet Search
  English  ▼

X  

LM3248 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments LM3248 Datasheet HTML 10Page - Texas Instruments LM3248 Datasheet HTML 11Page - Texas Instruments LM3248 Datasheet HTML 12Page - Texas Instruments LM3248 Datasheet HTML 13Page - Texas Instruments LM3248 Datasheet HTML 14Page - Texas Instruments LM3248 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
60
65
70
75
80
85
90
95
100
0.15
1.50
Load Current (A)
0.8Vout
1.0Vout
1.8Vout
2.5Vout
3.0Vout
3.4Vout
C012
60
65
70
75
80
85
90
95
100
0.15
1.50
Load Current (A)
0.8Vout
1.0Vout
1.8Vout
2.5Vout
3.0Vout
3.4Vout
C013
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load Current (A)
0.4Vout
0.6Vout
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
C001
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load Current (A)
0.4Vout
0.6Vout
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout
C004
60
65
70
75
80
85
90
95
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Load Current (A)
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout
4.0Vout_Boost
C003
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Load Current (A)
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout_Boost
4.0Vout_Boost
C002
LM3248
www.ti.com
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
For all Efficiency vs Load Current graphs, L1=1276AS-H-1R0N, L3=1285AS-H-1R5N.
Efficiency vs Load Current
Efficiency vs Load Current
VBATT=3.4V, MODE=3G4G, TBOOSTGATE=10ms
VBATT=3.7V, MODE=3G4G, TBOOSTGATE=10ms
Figure 9.
Figure 10.
Efficiency vs Load Current
Efficiency vs Load Current
VBATT=3.4V, MODE=3G4G, BOOST_GATE=LOW
VBATT=3.7V, MODE=3G4G, BOOST_GATE=LOW
Figure 11.
Figure 12.
Efficiency vs Load Current
Efficiency vs Load Current
VBATT=3.0V, MODE=2G, TBOOSTGATE=4.62ms
VBATT=3.4V, MODE=2G, TBOOSTGATE=4.62ms
Figure 13.
Figure 14.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com