Electronic Components Datasheet Search
  English  ▼

X  

BLA41 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # BLA41
Description  3mm LED STAND-OFF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

BLA41 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  BLA41 Datasheet HTML 1Page - Bedford Opto Technology Ltd. BLA41 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
(Tamb=25°C)
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK , BIGGAR,LANARKSHIRE ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
Ordering Information
To specify your requirement, please state:-
BLA4ABCD
where A,B C or D = O = Orange, R = Red , Y = Yellow, G = Green ,BC=Bi-colour or B=Blue
BLA 41 SERIES
ABSOLUTE MAXIMUM RATING per LED (Ta=25 C)
REVERSE VOLTAGE
6Volts
CONTINUOUS FORWARD CURRENT
30 mA
POWER DISSIPATION Tamb 60 C
100mW
OPERATING TEMP
-40
TO+100
OC
STORAGE TEMP
-55to +100
OC
LEAD SOLDERING TEMP(1.55mm FROM BODY 5secs)
260
OC
COLOUR
R,Y,G,O
BLUE
5Volts
20mA
100mW
-40
To+100 C
-40
To+100C
260
OC
RED/GREEN
30mA
100mW
-40
To+85 C
-40
To +85 C
260
OC
COLOUR
Luminous Intensity
If = 10mA
mcd
Peak Wavelength
nm
Forward Voltage
If = 20mA
volts
VIEWING ANGLE
deg
RED
min
typ
max
6.3
10.0
-
-
635
-
-
2.0
3.0
60
YELLOW
min
typ
max
6.3
10.0
-
-
585
-
-
2.4
3.0
60
GREEN
min
typ
max
6.3
12.0
-
-
565
-
-
2.4
3.0
60
BLUE
min
typ
max
6.3
12.0
@20mA
-
428-
-
3.9
4.5
60
ORANGE
Min
Typ
max
1.6
4.0
605
2.4
3.0
60
RED
GREEN
Min
Typ
Max
Min
Typ
Max
4.5
8.0
8.0
12.0
635
565
1.7
2.6
1.7
2.6
50
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com