Electronic Components Datasheet Search
  English  ▼

X  

OPI2000M Datasheet(PDF) 5 Page - Bedford Opto Technology Ltd.

Part # OPI2000M
Description  High Speed Opto Isolator Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI2000M Datasheet(HTML) 5 Page - Bedford Opto Technology Ltd.

  OPI2000M Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 2Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 3Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 4Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 5Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CONFORMITY STATEMENT
OPI2000M
Manufacturer:- BEDFORD OPTO TECHNOLOGY LTD
Address:-
1 Biggar Business Park, Market Road, Biggar,
Lanarkshire, ML12 6FX, Scotland
Directive 94/9/EC
EC-Type Examination Certificate:-
BAS01ATEX1285U – Latest supplement BAS01ATEX1285U/5 issued Sept 2012
Provisions of the Directive fulfilled by the component:-
Ex ia IIC Ga (-40°C ≤ Ta ≤ +80°C)
II 1 GD
Ex ia IIIC Da (-40°C ≤ Ta ≤ +80°C)
Notified Body for EC-Type Examination & Production:- BASEEFA Ltd. – No.1180
BASEEFA Ltd.
Rockhead Business Park,
Staden Lane,
Tel:- +44 (0)1298 766600
Buxton,
Fax:- +44 (0)1298 766601
Derbyshire SK17 9RZ,
e-mail:- info@baseefa.com
England
Harmonised Standards used:-
EN60079-0:2012
EN60079-11:2012
EN60079-26:2007
Other Standards used:-
Pb
This
component
is RoHS
compliant
On Behalf of Bedford Opto Technology Ltd., I declare that, the date the component
accompanied by this statement is placed on the market, the component conforms
with all technical and regulatory requirements of the ATEX Directive 94/9/EC and
the RoHS Directive 2011/65/EU.
_________________________________
Mr R.W.Stott
Managing Director
PP-
5/5
OPI 2000M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com