Electronic Components Datasheet Search
  English  ▼

X  

OPI3000P Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # OPI3000P
Description  Optically Coupled Isolator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI3000P Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  OPI3000P Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI3000P Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDI-
TIONS
INPUT DIODE
Forward Voltage
VF
-
-
1.3
V
If = 20mA
Reverse Voltage
VR
5.0
-
-
V
Ir = 100uA
OUTPUT TRANSISTOR
Collector-Emitter Breakdown
Voltage
BVceo
35
-
-
V
Ic = 10 uA
Collector-Emitter Leakage Cur-
rent
Iceo
-
-
10
nA
Vce = 10 V
Emitter-Collector Breakdown
BVeco
5.0
-
-
V
Ie = 100uA
COUPLED PAIR
DC Current Transfer Ratio
IC/IF
OPI 3000P
-
50
-
-
%
If = 10 mA Vce
Isolation Voltage
VISO
30
-
-
KV
-
Collector-emitter saturation volt-
age
VCE(SAT)
-
-
0.4
V
If = 10 mA,
Turn-on time
t on
-
8
-
uS
Ic=2mA
Turn-off time
t off
-
8
-
uS
Vcc = 5V
OPTO ELECTRONIC DATA (TA = 25OC)
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
OPI 3000P
2/2
26.04.11
ISS B
OPTO COUPLER RANGE
OPI110
TUBULAR 10kV ATEX CERTIFIED
OPI1264 TUBULAR 10kV ATEX CERTIFIED
OPI1000L
SURFACE MOUNT
ATEX CERTIFIED
OPI2000M HIGH SPEED SURFACE MOUNT ATEX CERTIFIED
OPI2000MK HIGH SPEED HIGH CMR
i)
Based on mechanical spacing,not measured
ii)
Thermal resistance 375 K/W
iii)
Thermal resistance 450 K/W
Whilst the devices are capable of operating continually at the noted elevated temperatures users
should be aware of the possibility of a reduction in CTR over long periods at high temperatures
& currents.
Pb
This
component
is RoHS
compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com