Electronic Components Datasheet Search
  English  ▼

X  

SN54LS113J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS113J
Description  DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS113J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS113J Datasheet HTML 1Page - Motorola, Inc SN54LS113J Datasheet HTML 2Page - Motorola, Inc SN54LS113J Datasheet HTML 3Page - Motorola, Inc SN54LS113J Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-189
FAST AND LS TTL DATA
DUAL JK NEGATIVE
EDGE-TRIGGERED FLIP-FLOP
The SN54 / 74LS113A offers individual J, K, set, and clock inputs. These
monolithic dual flip-flops are designed so that when the clock goes HIGH, the
inputs are enabled and data will be accepted. The logic level of the J and K
inputs may be allowed to change when the clock pulse is HIGH and the
bistable will perform according to the truth table as long as minimum setup
times are observed. Input data is transferred to the outputs on the
negative-going edge of the clock pulse.
LOGIC DIAGRAM (Each Flip-Flop)
Q
5(9)
J
3(11)
Q
6(8)
SET (SD)
4(10)
K
2(12)
1(13)
CLOCK (CP)
MODE SELECT — TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
SD
J
K
Q
Q
Set
Toggle
Load “0” (Reset)
Load “1” (Set)
Hold
L
H
H
H
H
X
h
l
h
l
X
h
h
l
l
H
q
L
H
q
L
q
H
L
q
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Don’t Care
l, h (q) = Lower case letters indicate the state of the referenced input (or output)
l, h (q) = one set-up time prior to the HIGH to LOW clock transition.
SN54/74LS113A
DUAL JK NEGATIVE
EDGE-TRIGGERED FLIP-FLOP
LOW POWER SCHOTTKY
LOGIC SYMBOL
VCC = PIN 14
GND = PIN 7
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02
4
3
1
2
5
6
SD
J
CP
K
Q
Q
10
11
9
13
12
8
SD
J
CP
K
Q
Q


Similar Part No. - SN54LS113J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
88Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Texas Instruments
SN54LS113A TI-SN54LS113A Datasheet
259Kb / 6P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
SN54LS113AFK TI-SN54LS113AFK Datasheet
259Kb / 6P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
SN54LS113AJ TI-SN54LS113AJ Datasheet
259Kb / 6P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
SN54LS113AW TI-SN54LS113AW Datasheet
259Kb / 6P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET
More results

Similar Description - SN54LS113J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS107A MOTOROLA-SN54LS107A Datasheet
128Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com