Electronic Components Datasheet Search
  English  ▼

X  

QB-166 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QB-166
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-166 Datasheet(HTML) 1 Page - API Technologies Corp

  QB-166 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 50 ºC - - - - - - 0 ºC
RF AMPLIFIER
MODEL
QB-166
Available as: QB-166, Housing (080-22509-0001)
Specifications1
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................... 0 ºC to +50 ºC
Storage Temperature ............................... -65 ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +25 Volts
Continuous RF Input Power2..................................+23 dBm
Short Term RF Input Power2..........+27 dBm (1 Minute Max.)
Features
!
!
!
!
! High Gain: 12.7 dB Typical
!
!
!
!
! High Power: +31 dBm Typical
!
!
!
!
! Operating Temp. 0 ºC to +50 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +50 ºC
Frequency
1 - 32 MHz
1 - 32 MHz
Power
Vdc
+24
+24
mA
450
450 Max.
Noise Figure (dB)
7.8
8.0 Max.
VSWR
In
1.5:1
1.5:1 Max.
Out
1.5:1
1.5:1 Max.
Reverse Isolation (dB)
40
40 Min.
Gain (dB)
12.7 ± 0.5
Gain Flatness
0.5
0.5 Max.
Output Intercept point
3rd Order
+55
+55 Min.
2nd Order
+115
+110 Min.
Gain vs. Temperature
+0.3/ -0.3 Max.
1 dB Compression (dBm)
+31
+31 Min.
Typical Performance Data
Rev.
11/5/09
Notes:
1. Specifications are guaranteed when tested in a 50 Ohm system with a DC
supply voltage tolerance of +2%.
2. RF output terminated into 50 Ohms.
8
12
11
9
Gain (dB)
Reverse Isolation (dB)
Input/Output VSWR +25 ºC
10
13
-80
-30
-50
-70
-60
-40
-20
1
10
100
MHz
1.8
1.4
1.2
1.6
2.0
1.0
Input
Output
2.2
1000
14
1
10
100
MHz
1000
1
10
100
MHz
1000
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QB-166

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
RF AMPLIFIER
More results

Similar Description - QB-166

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com