Electronic Components Datasheet Search
  English  ▼

X  

QB-152 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QB-152
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-152 Datasheet(HTML) 1 Page - API Technologies Corp

  QB-152 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 50 ºC - - - - - - 0 ºC
RF AMPLIFIER
MODEL
QB-152
Available as: QB-152, Housing (E52-19044)
Specifications
Maximum Ratings
Ambient Operating Temperature ................ -54 ºC to +71 ºC
Storage Temperature .............................. -65 ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 25 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 21.9 dB Typical
!
!
!
!
! High Power: +31 dBm Typical
!
!
!
!
! Operating Temp. 0 ºC to +50 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +50 ºC
Frequency
0.5 - 35 MHz
0.5 - 35 MHz
Power
Vdc
+24
+24
mA
420
420 Max.
Noise Figure (dB)
4.0
4.5 Max.
VSWR
In
1.5:1
1.5:1 Max.
Out
1.5:1
1.5:1 Max.
Reverse Isolation (dB)
31
31 Min.
Gain (dB)
21.9 ± 0.7
Gain Flatness
0.5
0.8 Max.
Output Intercept point
3rd Order
+50
+50 Min.
2nd Order
+100
+100 Min.
Gain vs. Temperature
+0.2/ -0.5 Max.
1 dB Compression (dBm)
+31
+31 Min.
Typical Performance Data
05/23/05
Note:
1. Specifications are guaranteed when tested in a 50 Ohm system. Specifica-
tions indicated as typical are not guaranteed.
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
1
3
5
7
9
20
30
-19.9
-19.5
-19.3
-19.1
-19.1
-18.8
-18.2
7.5
-2.6
-11.0
-18.5
-25.5
-63.0
-98.1
21.9
22.0
22.0
22.0
22.0
22.0
22.1
-178.4
175.4
170.9
166.8
162.7
141.1
121.5
-31.7
-31.7
-31.7
-31.6
-31.7
-31.9
-32.1
-175.7
176.7
172.0
167.9
164.2
143.9
125.8
-36.8
-40.9
-46.3
-46.5
-42.1
-28.9
-22.9
134.4
115.0
84.8
20.0
-25.2
-70.3
-91.0
==================================================================
19
23
22
20
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
21
24
-60
-10
-30
-50
-40
-20
0
1
10
100
MHz
29
33
31
30
32
1.8
1.4
1.2
1.6
2.0
60
56
52
54
64
58
4.5
2.0
3.0
2.5
Noise Figure (dB)
1.0
Input
Output
4.0
62
34
3.5
1
10
100
MHz
1
10
100
MHz
1
10
100
MHz
1
10
100
MHz
2.2
1
10
100
MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - QB-152

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
QB-152 SPECTRUM-QB-152 Datasheet
48Kb / 1P
RF AMPLIFIER
More results

Similar Description - QB-152

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com