Electronic Components Datasheet Search
  English  ▼

X  

BC557 Datasheet(PDF) 2 Page - Boca Semiconductor Corporation

Part # BC557
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

BC557 Datasheet(HTML) 2 Page - Boca Semiconductor Corporation

  BC557 Datasheet HTML 1Page - Boca Semiconductor Corporation BC557 Datasheet HTML 2Page - Boca Semiconductor Corporation BC557 Datasheet HTML 3Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BC556-558
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
UNITS
DC Current Gain
hFE
IC=10uA,VCE=5V
A
typ90
B
typ150
C
typ270
IC=2mA,VCE=5V
BC556
75-475
BC557,8
75-800
A
110-220
B
200-450
C
420-800
IC=100mA,VCE=5V
A
typ120
B
typ200
C
typ400
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=0.5mA
<0.30
V
IC=100mA,IB=5mA
<0.65
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=10mA,IB=0.5mA
typ0.70
V
IC=100mA,IB=5mA
typ0.90
V
Base Emitter on Voltage
VBE(on)
IC=2mA,VCE=5V
0.55-0.70
V
IC=10mA,VCE=5V
<0.82
V
DYNAMIC CHARACTERISTICS
Transistors Frequency
ft
IC=10mA, VCE=5V
typ150
MHz
f=100MHz
Collector out-put Capacitance
Ccbo
VCB=10V, f=1MHz
<6.0
pF
Emitter Input Capacitance
Cib
VEB=0.5V, f=1MHz
typ9.0
pF
Noise Figure
NF
IC=0.2mA, VCE=5V
<10
dB
Rs=2kohm, f=1kHZ
B=200Hz
ALL f=1KHz
Small Signal Current Gain
hfe
IC=2mA, VCE=5V
A
typ220
B
typ330
C
typ600
Input Impedance
hie
IC=2mA, VCE=5V
A
1.6-4.5
khoms
B
3.2-8.5
C
6.0-15
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V
A
typ1.5
X`10-4
B
typ2.0
C
typ3.0
Out put Adimttance
hoe
IC=2mA, VCE=5V
A
<30
umhos
B
<60
C
<110
Continental Device India Limited
Data Sheet
Page 2 of 4
Boca Semiconductor Corp.
BSC
http://www.bocasemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com