Electronic Components Datasheet Search
  English  ▼

X  

SF0400BA02520S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0400BA02520S
Description  400 MHz SAW Filter 300 KHz bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0400BA02520S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0400BA02520S Datasheet HTML 1Page - API Technologies Corp SF0400BA02520S Datasheet HTML 2Page - API Technologies Corp SF0400BA02520S Datasheet HTML 3Page - API Technologies Corp SF0400BA02520S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
400 MHz SAW Filter
300 KHz bandwidth
Part Number SF0400BA02520S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0400BA02520S Rev A
24-Mar-2010
ECN 36650
Page 1 of 4
DESCRIPTION
•
400 MHz SAW filter with a 300 KHz typical 3dB bandwidth.
•
5 x 5 mm Surface Mount Package.
•
Used as the IF Filter in GSM equipment
•
RoHS compliant.
TYPICAL PERFORMANCE


Similar Part No. - SF0400BA02520S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
400 MHz IF SAW Filter 160 KHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
More results

Similar Description - SF0400BA02520S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
400 MHz IF SAW Filter 160 KHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0300BA02466S SPECTRUM-SF0300BA02466S Datasheet
155Kb / 3P
300 MHz SAW Filter 6.8 MHz Bandwidth
SF0300BA02467S SPECTRUM-SF0300BA02467S Datasheet
157Kb / 3P
300 MHz SAW Filter 20 MHz Bandwidth
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
400 MHz SAW Filter 300 KHz bandwidth
SF0640BA03206S SPECTRUM-SF0640BA03206S Datasheet
1Mb / 3P
640 MHz SAW Filter, 100 kHz Bandwidth
logo
API Technologies Corp
SF0300BA02466S APITECH-SF0300BA02466S Datasheet
155Kb / 3P
300 MHz SAW Filter 6.8 MHz Bandwidth
SF0300BA02467S APITECH-SF0300BA02467S Datasheet
157Kb / 3P
300 MHz SAW Filter 20 MHz Bandwidth
SF0400BA02375S APITECH-SF0400BA02375S Datasheet
148Kb / 3P
400 MHz SAW Filter 55 MHz Bandwidth
SF1060BA03211S APITECH-SF1060BA03211S Datasheet
1Mb / 3P
1060 MHz SAW Filter, 700 kHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com