Electronic Components Datasheet Search
  English  ▼

X  

QRF0620R30 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QRF0620R30
Description  Super Fast Recovery Diode Modules 140 Amperes/600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRF0620R30 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QRF0620R30 Datasheet HTML 1Page - Powerex Power Semiconductors QRF0620R30 Datasheet HTML 2Page - Powerex Power Semiconductors QRF0620R30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QR_0620R30
Super Fast Recovery Dual Diode Modules
140 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
2
Preliminary
9/12 Rev. 2
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
QRD0620R30
QRC0620R30
QRF0620R30
Ratings
Symbol
QRJ0620R30
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
600
Volts
Non-Repetitive Peak Reverse Blocking Voltage
VRSM
VRRM + 100
Volts
DC Current, TC = 80°C (Resistive load)
IF(DC)
140
Amperes
Peak Half Cycle Non-repetitive Surge Current (t = 8.3mS, 100% VRRM Reapplied)
IFSM
TBD
Amperes
I2t for Fusing for One Cycle (t = 8.3mS, 100% VRRM Reapplied)
I2t
TBD
A2sec
Operating Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Maximum Mounting Torque, M6 Mounting Screw
—
26
in-lb
Maximum Mounting Torque, M5 Terminal Screw
—
17
in-lb
Module Weight (Typical)
—
150
Grams
V Isolation (60 Hz, Circuit to Base, All Terminals Shorted, t = 60 sec)
VRMS
2500
Volts
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reverse Leakage Current
IRRM
Rated VRRM
—
—
1.0
mA
On-State Voltage
VFM
IF = 100A
—
1.6
2.3
Volts
IF = 140A
—
1.8
2.5
Volts
Reverse Recovery Time
trr
If = 100A, di/dt = TBD
—
—
120
ns
Reverse Recovery Charge
Qrr
If = 100A, di/dt = TBD
—
4.2
—
µC
Thermal and Mechanical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case*
Rth(j-c) Q
Per Diode
—
—
0.205
°C/W
Contact Thermal Resistance, Case to Sink
Rth(c-s)
Per Module
—
—
0.075
°C/W
(Lubricated)*
*TC, Tf measured point is just under the chip.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com