Electronic Components Datasheet Search
  English  ▼

X  

10FC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 10FC
Description  BRITISH STYLE?밪EMICONDUCTOR PROTECTION FUSES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10FC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  10FC Datasheet HTML 1Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 2Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 3Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 4Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 5Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 6Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
86
BRITISH STYLE–
SEMICONDUCTOR PROTECTION FUSES
240 VOLT (AC) RANGE
I2t (A2SEC)
Carton
Part
Clearing
Clearing
Watts
D.C.
Carton
Weight
Type
Outline
Number
Pre-arc
At 120V
At 240V
Loss
Volts
Qty.
(Kg)
6LCT
2
6
9
1.0
20
0.110
10LCT
3.8
12
22
2.5
20
0.110
LCT
12LCT
7
22
32
2.5
200
20
0.110
16LCT
20
50
100
2.5
20
0.110
20LCT
25
80
160
4.0
20
0.110
7LET
1.7
10
17
1.5
10
0.310
10LET
3.8
23
35
1.8
10
0.310
12LET
7
42
58
2
10
0.310
16LET
15
70
140
2.5
10
0.310
25LET
18
120
250
4.0
10
0.310
32LET
32
200
450
5.0
10
0.310
LET
35LET
50
320
600
5.0
140
10
0.310
50LET
100
500
1400
7.0
10
0.310
63LET
180
1100
2200
9.0
10
0.310
80LET
300
1900
3800
10.0
10
0.310
100LET
600
3800
7500
10.0
10
0.310
125LET
600
3800
7500
10.0
10
0.310
160LET
1100
7000
18000
20.0
10
0.310
180LET
1600
12000
29000
21.0
10
0.310
160LMT
1100
7000
16000
17.0
1
0.180
200LMT
1500
10000
20000
28.0
1
0.180
250LMT
3200
20000
40000
28.0
1
0.180
LMT
315LMT
6000
35000
75000
35.0
160
1
0.180
355LMT
8000
50000
100000
35.0
1
0.180
400LMT
14000
70000
160000
40.0
1
0.180
450LMT
18000
100000
220000
42.0
1
0.180
400LMMT
6000
35000
80000
60.0
1
0.370
400LMMT
14000
80000
170000
64.0
1
0.370
400LMMT
24000
150000
300000
75.0
160
1
0.370
LMMT
400LMMT
32000
200000
460000
77.0
1
0.370
400LMMT
52000
300000
600000
82.0
1
0.370
400LMMT
75000
400000
800000
97.0
1
0.370
• Interrupting rating 200kA RMS Symmetrical.
• Watts loss provided at rated current.
• All fuses above have been tested to 318VAC.
• These fuses meet the requirements of BS 88 Part 4 and IEC 269-4
• UL Recognition on LET and LMT. Others pending – Consult Edison.
1.50"
38.0mm
1.65"
41.8mm
2.32"
59.0mm
2.32"
59.0mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com