Electronic Components Datasheet Search
  English  ▼

X  

AN997 Datasheet(PDF) 15 Page - Microchip Technology

Part # AN997
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN997 Datasheet(HTML) 15 Page - Microchip Technology

Back Button AN997 Datasheet HTML 8Page - Microchip Technology AN997 Datasheet HTML 9Page - Microchip Technology AN997 Datasheet HTML 10Page - Microchip Technology AN997 Datasheet HTML 11Page - Microchip Technology AN997 Datasheet HTML 12Page - Microchip Technology AN997 Datasheet HTML 13Page - Microchip Technology AN997 Datasheet HTML 14Page - Microchip Technology AN997 Datasheet HTML 15Page - Microchip Technology AN997 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Serial Memory Products
15
Package Type:
SN
8-SOIC (150 mil)
TT/OT
3/5/6 SOT-23
ST
8-TSSOP
P
8-PDIP
SM
8-SOIJ (208 mil)
MS
8-MSOP
Operating Temperature Range:
I:
Industrial (-40°C to +85°C)
E:
Extended Industrial Range (-40°C to +125°C)
H:
Extended (-40°C to +150°C)
Tape and Reel
T:
Tape and Reel
blank:
Standard (bulk)
Density:
00:
128 bits
01/010/014: 1 Kbit
02/020/024: 2 Kbit
04/040:
4 Kbit
08/080:
8 Kbit
16/160:
16 Kbit
Voltage Range:
AA
1.8V-5.5V
LC
2.5V-5.5V
C
4.5V-5.5V
K
1.8-3.6V
A
1.5-1.95V
VL
1.5V-3.6V
Bus Type:
24/34:
I2C
25:
SPI
93:
Microwire
11:
UNI/O Bus
23:
SRAM (SPI)
Part Number Suffix Designations
Ordering information for Microchip SEEPROM products.
24 AA 02 T - I /SN
Serial Memory Ordering Information
We can pre-program your EEPROMs before they ship.
Microchip offers custom programming options in package
and die:
■ QTP – All devices are programmed with same data
■ SQTP – Each device is programmed with unique data
Do you have special product requirements?
Microchip offers customized versions of existing products:
■ Lower VDD (<1.5V in some cases)
■ Extreme temperature (< -55ºC to >+150ºC)
■ More endurance, up to 10M cycles
■ Lower current specs (read, write, standby)
■ Higher speed
■ Customer design modifications:
– Different I2C and UNI/O addresses
– Custom voltage ranges
Get started today… additional resources at:
www.microchip.com/memory
■ Datasheets and application notes (with code)
■ Verilog, IBIS models
■ Usage recommendation ap notes
■ Webinars at www.microchip.com/webinars
■ Samples at www.microchip.com/samples
■ Tools and demo boards
MNY/MC/MF
8-TDFN/DFN
LT
5-SC70
W/WF/S
Wafer/Die
CS
WLCSP – die size
TO
TO92
32/320:
32 Kbit
64/640:
64 Kbit
128:
128 Kbit
256:
256 Kbit
512:
512 Kbit
1024/1025: 1 Mbit
Programming & Special Services



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com