Electronic Components Datasheet Search
  English  ▼

X  

AN991 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN991
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN991 Datasheet(HTML) 2 Page - Microchip Technology

  AN991 Datasheet HTML 1Page - Microchip Technology AN991 Datasheet HTML 2Page - Microchip Technology AN991 Datasheet HTML 3Page - Microchip Technology AN991 Datasheet HTML 4Page - Microchip Technology AN991 Datasheet HTML 5Page - Microchip Technology AN991 Datasheet HTML 6Page - Microchip Technology AN991 Datasheet HTML 7Page - Microchip Technology AN991 Datasheet HTML 8Page - Microchip Technology AN991 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Serial Memory Products
Serial Memory Products
A broad portfolio of high performance, best-in-class Serial Memory Products
to meet all your design requirements.
Microchip offers the broadest range of Serial EEPROM devices (from 128 bits to 1 Mbit) over the widest operating
voltage (1.7 to 5.5V) and temperature ranges (up to 150ºC). Innovative low-power designs and extensive testing
have ensured industry leading endurance and best-in-class quality at low costs.
SPI-compatible Serial SRAM devices are available in 64 and 256 Kbit options and up to 20 MHz. These low power
devices provide additional external serial RAM with high-speed performance and are available in standard 8-pin
packages.
Microchip Supports Your Designs Throughout The Product Life Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com