Electronic Components Datasheet Search
  English  ▼

X  

AN1040 Datasheet(PDF) 8 Page - Microchip Technology

Part # AN1040
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1040 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AN1040 Datasheet HTML 4Page - Microchip Technology AN1040 Datasheet HTML 5Page - Microchip Technology AN1040 Datasheet HTML 6Page - Microchip Technology AN1040 Datasheet HTML 7Page - Microchip Technology AN1040 Datasheet HTML 8Page - Microchip Technology AN1040 Datasheet HTML 9Page - Microchip Technology AN1040 Datasheet HTML 10Page - Microchip Technology AN1040 Datasheet HTML 11Page - Microchip Technology AN1040 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Serial Memory Products
11AA010
1 Kb
11AA020
2 Kb
11AA040
4 Kb
11AA080
8 Kb
11AA160
16 Kb
11LC010
11LC020
11LC040
11LC080
11LC160
2.5-5.5V
1.8-5.5V
UNI/O® EEPROM
Using UNI/O EEPROM can free up MCU pins for new features.
Microchip’s new UNI/O Serial EEPROM uses only ONE connection to the
host microcontroller. This compares to two or three pins for I2C, and three
to six pins for Microwire or SPI buses. This new, proprietary bus offers
advanced features like a status register and write-protection on demand,
along with all I/O and memory array and command functions through a
single pin.
Save I/O Pins
A single I/O EEPROM can simplify your design and
reduce system cost
■ Free up pins on the MCU
– Add new features to your application
– Move to a smaller MCU – reduce cost
■ Free up pins on your connector
– Smaller connector – lower cost
■ Single I/O interface – more compact design
Single I/O EEPROM
One I/O for clock, data & control
■ Single I/O interface
■ 1-16 Kbit memory densities
■ 1.8-5.5V operating voltage
■ 10-100 KHz operating frequency
■ Status register, SW write-protect
■ 3-pin SOT-23, 8-pin SOIC, MSOP & TDFN
■ 1M Erase/Write cycles
■ UNI/O software drivers available for many popular microcontrollers See Ap Note section for more information.
■ Convert UNI/O from 3-pins to 2-pins – check out Ap Note AN1213.
VCC
MCU
VCC
I2C™
UNI/O®
VCC
VCC
R1
R2
SDA
SCL
WP
Single I/O, No pull-up
resistors needed.
■ Save board space
■ Save pins on the MCU
■ Add additional features
VCC
MCU
SDA
SCL
WP
www.microchip.com/unio
The UNI/O Advantage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com