Electronic Components Datasheet Search
  English  ▼

X  

2SC5345 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # 2SC5345
Description  RF amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

2SC5345 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  2SC5345 Datasheet HTML 1Page - KODENSHI_AUK CORP. 2SC5345 Datasheet HTML 2Page - KODENSHI_AUK CORP. 2SC5345 Datasheet HTML 3Page - KODENSHI_AUK CORP. 2SC5345 Datasheet HTML 4Page - KODENSHI_AUK CORP. 2SC5345 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T0A020-001
1
2SC5345
NPN Silicon Transistor
PIN Connection
C
B
E
TO-92
Description
• RF amplifier
Features
• High current transition frequency
fT=550MHz(Typ.), [VCE=6V, IE=-1mA]
• Low output capacitance :
Cob=1.4pF(Typ.) [VCB=6V, IE=0]
• Low base time constant and high gain
• Excellent noise response
Ordering Information
Type NO.
Marking
Package Code
2SC5345
C5345
TO-92
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
30
V
Collector-Emitter voltage
VCEO
20
V
Emitter-Base voltage
VEBO
4
V
Collector current
IC
20
mA
Collector dissipation
PC
500
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=10μA, IE=0
30
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=5mA, IB=0
20
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
4
-
-
V
Collector cut-off current
ICBO
VCB=30V, IE=0
-
-
0.5
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
-
-
0.5
μA
DC current gain
hFE*
VCE=6V, IC=1mA
40
-
240
-
Collector-Emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
-
-
0.3
V
Transition frequency
fT
VCE=6V, IE=-1mA
-
550
-
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
-
1.4
-
pF
* : hFE rank / R : 40~80, O : 70~140, Y : 120~240


Similar Part No. - 2SC5345

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5345 AUK-2SC5345 Datasheet
123Kb / 4P
NPN Silicon Transistor (RF amplifier)
logo
Galaxy Semi-Conductor H...
2SC5345 BILIN-2SC5345 Datasheet
190Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
KODENSHI_AUK CORP.
2SC5345 KODENSHI-2SC5345 Datasheet
264Kb / 5P
RF amplifier
logo
Shenzhen Jin Yu Semicon...
2SC5345 HTSEMI-2SC5345 Datasheet
496Kb / 2P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SC5345 SECOS-2SC5345 Datasheet
704Kb / 2P
0.02A , 30V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC5345

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com