Electronic Components Datasheet Search
  English  ▼

X  

DP500 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # DP500
Description  Suitable for low voltage large current drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

DP500 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  DP500 Datasheet HTML 1Page - KODENSHI_AUK CORP. DP500 Datasheet HTML 2Page - KODENSHI_AUK CORP. DP500 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-9091-003
2
DP500
Absolute maximum ratings
(Ta=25
° C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-15
V
Collector-Emitter voltage
VCEO
-12
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-5
A
Collector dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
* : When mounted on 40
×40×0.8mm ceramic substate
Electrical Characteristics
(Ta=25
° C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-50µA, IE=0
-15
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-12
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-50µA, IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-12V, IE=0
-
-
-1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-1
µA
hFE1
VCE=-2V, IC=-500mA
160
-
320
-
DC current gain
hFE2
VCE=-2V, IC=-3A
40
-
-
-
Collector-Emitter on voltage
VCE(sat1)
IC=-3A, IB=-150mA
-
-
-0.5
V
Base-Emitter on voltage
VBE(sat)
IC=-3A, IB=-150mA
-
-
-1.2
V
Transition frequency
fT
VCB=-5V, IC=-500mA
-
150
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
50
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com