Electronic Components Datasheet Search
  English  ▼

X  

TM9720 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9720
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9720 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9720 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF AMPLIFIER
MODEL
TM9720
Features
! Output Power: +18.5 dBm Typical
! Gain: 9.5 dB Typical
! Operating Temp. -55ºC to + 85 ºC
! Environmental Screening Available
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Legend
+ 25 ºC
+ 85ºC - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ........+45 dBm (Typ.)
Second Order Two Tone Intercept Point..........+40 dBm (Typ.)
Third Order Two Tone Intercept Point..............+30 dBm (Typ.)
Available as:
TM9720, 4 Pin TO-8 (T4)
TN9720, 4 Pin Surface Mount (SM3)
BX9720, Connectorized Housing (H1)
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 150 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 18 dBm
Short Term RF Input Power ... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.2 Watt (3
µsec Max.)
+19
+18
+17
2.0
1.5
1.0
2.0
1.5
1.0
1
5
4
3
+16
+15
0
- 10
- 20
- 30
- 40
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
Start 10 MHz
Stop 2000 MHz
10
12
9
8
2
11
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
=====================================================================
10
25
50
100
200
400
600
800
1000
1200
1400
1600
1800
2000
.13
.09
.09
.09
.09
.09
.09
.09
.09
.08
.10
.11
.13
.15
-128
-155
-170
-176
-178
176
174
166
160
154
147
133
104
76
3.26
3.27
3.27
3.25
3.25
3.21
3.19
3.19
3.19
3.18
3.19
3.26
3.29
3.34
-172
-179
178
173
164
147
131
115
99
82
65
45
25
3
.1074
.1034
.1027
.1027
.1065
.1070
.1109
.1126
.1154
.1168
.1150
.1153
.1211
.1223
2
0
-3
-1
-3
-12
-17
-25
-33
-44
-50
-63
-72
-88
.20
.21
.21
.22
.21
.21
.21
.20
.20
.20
.21
.22
.24
.24
-177
-180
177
170
161
143
128
114
103
98
88
81
72
57
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 2000 MHz
10 - 2000 MHz
Gain (dB)
9.5
8 Min.
Power @ 1 dB
Comp. (dBm)
18.5
17.5 Min.
Reverse
Isolation (dB)
-16
-15 Max.
VSWR
In
1.5
2:0 Max.
Out
1.5
2:0 Max.
Noise Figure (dB)
2.8
4.0 Max.
Power
Vdc
+15
+15
mA
75
90 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com
Rev.
2/23/07


Similar Part No. - TM9720

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9720 SPECTRUM-TM9720 Datasheet
40Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9720

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
TR3084 APITECH-TR3084 Datasheet
45Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com