Electronic Components Datasheet Search
  English  ▼

X  

TM9524PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9524PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9524PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM9524PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +37 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +31 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +23 dBm (Typ.)
Available as:
TM9524PM, 4 Pin TO-8 (T4)
TN9524PM, 4 Pin Surface Mount (SM3)
FP9524PM, 4 Pin Flatpack (FP4)
BX9524PM, Connectorized Housing (H1)
Features
!
!
!
!
! Superior Phase Noise Performance
!
!
!
!
! High Gain 22 dB Typical
!
!
!
!
! Output Power: +13 dBm Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +20 dBm
Short Term RF Input Power ........... 200 mW (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Phase Noise (dBc/Hz)
Guaranteed Phase Noise Performance (dBc/Hz)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee (min.)
*
RF AMPLIFIER
MODEL
TM9524PM
Residual Phase Noise Test Conditions:
! Carrier Frequency: 1.2 GHz
! Power Output +13 dBm
! Temperature: 25 oC
!
!
!
!
! Agilent ES5500 System
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
-161
-153
-142
-150
-158
-163
-138
-160
-160
-163
4/1/04
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
10 - 1500 MHz
10 - 1500 MHz
Gain (dB)
22.0
20.0 Min.
Power @ 1 dB
Comp. (dBm)
+13.0
+10.0 Min.
Reverse
Isolation (dB)
-33
-30 Max.
VSWR
In
<1.75:1
2.0:1 Max.
Out
<1.75:1
2.2:1 Max.
Noise Figure (dB)
4.3
5.0 Max.
Power
Vdc
+15
+15
m A
56
65 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM9524PM

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9524 SPECTRUM-TM9524 Datasheet
88Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9524 APITECH-TM9524 Datasheet
89Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9524PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com