Electronic Components Datasheet Search
  English  ▼

X  

PSUT4516 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSUT4516
Description  Three Phase AC Controller Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSUT4516 Datasheet(HTML) 1 Page - Powersem GmbH

  PSUT4516 Datasheet HTML 1Page - Powersem GmbH PSUT4516 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three Phase
PSUT 45
I
RMS = 3 x 44 A
AC Controller Modules
PSUH 45
V
RRM= 800-1600 V
Preliminary Data Sheet
Features
•
Thyristor controller for AC (circuit
W3C acc. to IEC) for mains frequency
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Low forward voltage drop
•
Leads suitable for PC board
soldering
•
UL Release applied
Applications
•
Switching and control of single and three
phase AC circuits
•
Light and temperature control
•
Softstart AC motor controller
•
Solid state switches
Advantages
•
Easy to mount with four screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 3
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
900
800 PSUT 45/08 PSUH 45/08
1300 1200 PSUT 45/12 PSUH 45/12
1500 1400 PSUT 45/14 PSUH 45/14
1700 1600 PSUT 45/16 PSUH 45/16
Data according to IEC 60747 refer to a single thyristor unless otherwise stated
Symbol
Test Conditions
Maximum Ratings
I
RMS
T
C = 85 °C, 50-400 Hz (per phase)
44
A
I
TRMS
T
VJ = TVJM
32
A
I
TAVM
T
C = 85 °C;
180° sine, per thyristor
20
A
I
TSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
320
A
V
R = 0
t = 8.3 ms (60 Hz), sine
350
A
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
290
A
V
R = 0
t = 8.3 ms (60 Hz), sine
320
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
510
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
500
A²s
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
420
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
420
A²s
(di/dt)
cr
T
VJ = 125 °C
repetitive, I
T = 20 A
150
A/µs
f=50Hz, t
P=200µs
V
D=2/3VDRM
I
G=0.3 A
non repetitive,I
T = ITAVM
500
A/µs
di
G/dt=0.3A/µs
(dv/dt)
cr
T
VJ = 125 °C
V
D=2/3VDRM
1000
V/µs
R
GK= ∞, method 1 (linear voltage rise)
P
GM
T
VJ = 125 °C
t
P=30µs
≤
10
W
I
T =ITAVM
t
P=300µs
≤
5W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40... + 125
°C
T
VJM
125
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
∼
I
ISOL ≤ 1 mA
t = 1 s
3000
V
∼
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
Weight
typ.
46
g
W3H
W3C
ECO-PACTM 3


Similar Part No. - PSUT4516

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUT45 POWERSEM-PSUT45 Datasheet
868Kb / 2P
Three Phase AC Controller Modules
More results

Similar Description - PSUT4516

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VWO50 IXYS-VWO50 Datasheet
47Kb / 2P
Three Phase AC Controller Modules
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
Three Phase AC Controller Modules
logo
Powersem GmbH
PSUH50 POWERSEM-PSUH50 Datasheet
135Kb / 2P
Three Phase AC Controller Modules
PSUH95 POWERSEM-PSUH95 Datasheet
133Kb / 2P
Three Phase AC Controller Modules
PSUT36 POWERSEM-PSUT36 Datasheet
119Kb / 2P
Three Phase AC Controller Modules
PSUT50 POWERSEM-PSUT50 Datasheet
135Kb / 2P
Three Phase AC Controller Modules
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT230 POWERSEM-PSUT230 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT65PSUH65 POWERSEM-PSUT65PSUH65 Datasheet
868Kb / 2P
Three Phase AC Controller Modules
PSUT230PSUH230 POWERSEM-PSUT230PSUH230 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com