Electronic Components Datasheet Search
  English  ▼

X  

PSUT9014 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSUT9014
Description  Three Phase AC Controller Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSUT9014 Datasheet(HTML) 2 Page - Powersem GmbH

  PSUT9014 Datasheet HTML 1Page - Powersem GmbH PSUT9014 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tentative
data
sheet
product
still
under
development
ECO-TOPTM 1
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Symbol
Test Conditions
Characteristic Value
I
D,IR
T
VJ = 125°C,
V
R = VRRM, V
D=VDRM
≤
5mA
V
T
I
T = 200 A,
T
VJ = 25 °C
≤ 1.75
V
V
TO
For power-loss calculations only
0.85
V
r
T
5m
Ω
V
GT
V
D=6V
T
VJ= 25°C
≤
1.5
V
T
VJ=-40°C
≤
1.6
V
I
GT
V
D=6V
T
VJ= 25°C
≤ 100
mA
T
VJ=-40°C
≤ 200
mA
V
GD
T
VJ= 125°C
V
D=2/3VDRM
≤
0.2
V
I
GD
T
VJ= 125°C
V
D=2/3VDRM
≤
10
mA
I
L
T
VJ= 25°C, tP=10µs
≤ 450
mA
I
G=0.45A, diG/dt=0.45A/µs
I
H
T
VJ= 25°C, VD=6V, RGK= ∞≤
200
mA
t
gd
T
VJ= 25°C, VD=1/2VDRM
≤
2µs
I
G=0.45A, diG/dt=0.45A/µs
R
thJC
per thyristor; DC
0.73
K/W
per module
0.122
K/W
R
thJK
per thyristor; sine 180° el
typ.
0.82
K/W
per module
typ.
0.137
K/W
d
s
Creeping distance on surface (pin to heatsink) min. 11.2
m m
d
A
Strike distance in air (pin to heatsink)
min. 11.2
m m
a
Max. allowable acceleration
50 m/s²
W3C
W3H



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com