Electronic Components Datasheet Search
  English  ▼

X  

MXH1 Datasheet(PDF) 2 Page - MMD Components

Part # MXH1
Description  2.0 x 2.5 Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MXH1 Datasheet(HTML) 2 Page - MMD Components

  MXH1 Datasheet HTML 1Page - MMD Components MXH1 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
08/12/11 I
Subject to change without notice
Pg 2 of 2
Revision:
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
DIRECTION OF FEED
Q3 Q4
Q3 Q4
Q1 Q2
Q1 Q2
PIN 1 ORIENT.
Q1
TAPE WIDTH
REEL DIA
COUNT
PITCH
180 [7.0]
1000
4.00 [.157]
8.00 [.315]
PITCH
16.00
REEL DIA
Part Number Guide
1
2
34
SUGGESTED
LAND PATTERN
DIM ENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOM M ENDED
OUTPUT
PIN 3
SUPPLY VO LTAGE
PIN 1
PIN 2
PIN CO NNECTIO NS
TRI-STATE /STANDBY
CASE GROUND
PIN 4
2.60 [.102]
2.10 [.083]
0.90 [.036]
0.80 [.031]
0.65 [.026]
0.90 [.035]
PIN 1 DESIGNATO R LO CATED
IN TH IS AREA
XX.XX
SYW W
1.70 [.067]
1.35 [.053]
Mechanical Details
Tape & Reel Dimensions
2.0 X 2.5 Ceramic SMD
MX
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40/60%
A = 45/55%
Packaging
Blank = Bulk
T = Tape and Reel
H = HCMOS
Output
Frequency
Stability
020 = ±20ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Pin 1 Connection
S = Standby
H = Tri-state
Supply Voltage
1 = +1.8 VDC
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
H



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com