Electronic Components Datasheet Search
  English  ▼

X  

MZTTC1 Datasheet(PDF) 1 Page - MMD Components

Part # MZTTC1
Description  Ceramic Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MZTTC1 Datasheet(HTML) 1 Page - MMD Components

  MZTTC1 Datasheet HTML 1Page - MMD Components MZTTC1 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
07/29/11 H
Specifications are subject to change without notice.
Pg 1 of 2
Frequency
MZTT
3 Lead Part
Please Consult with MMD Sales Department for any other Parameters or Options
Package Case Size
CC = 7.4 X 3.4 X 1.8
CE = 3.2 X 1.3 X 1.0
CS = 4.7 X 4.1 X 1.7
CV = 3.7 X 3.1 X 1.6
CW = 2.5 X 2.0 X 1.2
CR = 4.5 X 2.0 X 1.2
MG = IC: TC4069UBP
MT = IC: TC4069UBP
MX = IC: TC74HCU04
Schematic
Value Added Options
Blank = No Added Options
T = Tape & Reel
M
MZ
ZT
TT
TC
C S
Se
erriie
ess C
Ce
erra
am
miicc R
Re
esso
on
na
atto
orr
 6 Package Options
 Ceramic SMD
 RoHS Compliant
Schematic
Part Number

= MHz
Frequency
Range
Frequency
Accuracy
Temperature
Stability
(-25°C to +85°C
)
Aging for
10 Years
MZTTCCMG
2.00 MHz to 8.00 MHz
±0.5%
±0.3%
±0.3%
MZTTCRMG
4.00 MHz to 8.00 MHz
±0.5%
±0.3%
±0.3%
MZTTCSMT
6.00 MHz to 13.00 MHz
±0.5%
±0.4%
±0.3%
MZTTCVMT
8.00 MHz to 13.00 MHz
±0.5%
±0.4%
±0.3%
MZTTCEMG
8.00 MHz to 12.00 MHz
±0.5%
±0.3%
±0.3%
MZTTCSMX
13.01 MHz to 50.00 MHz
±0.5%
±0.3%
±0.3%
MZTTCVMX
16.00 MHz to 50.00 MHz
±0.5%
±0.3%
±0.3%
MZTTCWMX
20.00 MHz to 50.00 MHz
±0.5%
±0.3%
±0.3%
Part Number Guide
IC
1MO
C1
C2
VDD: +5V
IC
IC
TC4069UBP
X
CERAMIC RESONATOR
C1, C2
INTERNAL
15pF
15pF


Similar Part No. - MZTTC1

ManufacturerPart #DatasheetDescription
logo
MMD Components
MZTTC MMD-MZTTC Datasheet
211Kb / 2P
Ceramic Resonator
MZTTC MMD-MZTTC Datasheet
211Kb / 2P
Ceramic Resonator
MZTTC2 MMD-MZTTC2 Datasheet
211Kb / 2P
Ceramic Resonator
MZTTC2 MMD-MZTTC2_12 Datasheet
211Kb / 2P
Ceramic Resonator
MZTTC MMD-MZTTC_12 Datasheet
211Kb / 2P
Ceramic Resonator
More results

Similar Description - MZTTC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSB400 ETC-CSB400 Datasheet
435Kb / 11P
CERAMIC RESONATOR
CSTCE8M00 ETC-CSTCE8M00 Datasheet
76Kb / 9P
Ceramic Resonator
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
Shenzhen Luguang Electr...
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
Ceramic Resonator
logo
Tiger Electronic Co.,Lt...
ZTT10.00MT TGS-ZTT10.00MT Datasheet
183Kb / 5P
CERAMIC RESONATOR
ZTT20.00MX TGS-ZTT20.00MX Datasheet
208Kb / 5P
CERAMIC RESONATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com