Electronic Components Datasheet Search
  English  ▼

X  

WC315 Datasheet(PDF) 2 Page - MMD Components

Part # WC315
Description  WC315 Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WC315 Datasheet(HTML) 2 Page - MMD Components

  WC315_12 Datasheet HTML 1Page - MMD Components WC315_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
WC315063011C
Specifications are subject to change without notice.
Pg 2 of 2
Mechanical Details
Tape & Reel
3000
PITCH
PITCH
4.00 [.157]
TAPE WIDTH
12.00 [.471]
DIRECTION OF FEED
330 [13.0]
REEL DIA
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
QTY PER REEL
PIN 1 ORIENT.
Q1
Tape Width
1.90 [.075]
1.10 [.043]
1.10 [.043]
SUGGESTED LAND PATTERN
*DO NOT DESIGN ANY PATTERNS
ON SHADED AREA
DIMENSION IN BRACKETS ARE IN INCHES
FACTORY MARKING
1.60[.063]
MAX
3.30[.130]
MAX
0.90[.035]
MAX
1.30[.051]
1.80[.071]
0.62[.024]
2.40[.094]
1.40[.055]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com