Electronic Components Datasheet Search
  English  ▼

X  

SF0868BA02512S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0868BA02512S
Description  868 MHz SAW Filter 12 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0868BA02512S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0868BA02512S Datasheet HTML 1Page - API Technologies Corp SF0868BA02512S Datasheet HTML 2Page - API Technologies Corp SF0868BA02512S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
868 MHz SAW Filter
12 MHz Bandwidth
Part Number SF0868BA02512S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0868BA02512S Rev A
30-Mar-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
-
868
-
MHz
Insertion Loss
1
-
3.8
4.5
dB
Amplitude Ripple
1
-
1.0
1.5
dB p-p
Stopband Rejection (824 to 828 MHz)
45
50
-
dB
Stopband Rejection (845 to 848 MHz)
35
40
-
dB
Stopband Rejection (888 to 891 MHz)
35
40
-
dB
Stopband Rejection (908 to 912 MHz)
45
50
-
dB
Terminating Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
Notes:
1. Within the passband: 866 to 870 MHz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating temperature Range
-30
80
˚C
Input Power Level
-
0
dBm
DC Voltage between each terminal
-
10
V
MATCHING CIRCUIT
Note: External matching components are not required.
Output
50
Ω
Single ended
Input
50
Ω
Single ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com