Electronic Components Datasheet Search
  English  ▼

X  

SF0868BA03209S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0868BA03209S
Description  868 MHz SAW Filter, 600 kHz 1 dB Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0868BA03209S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0868BA03209S Datasheet HTML 1Page - API Technologies Corp SF0868BA03209S Datasheet HTML 2Page - API Technologies Corp SF0868BA03209S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Min
Typ
Max
Units
Nominal Center Frequency Fc
867.9
868
868.1
MHz
Insertion Loss 1
-
4.5
5
dB
1 dB Bandwidth 2
0.6
0.7
-
MHz
3 dB Bandwidth 2
0.8
1.0
-
MHz
Absolute Delay
-
0.6
1.0
µs
Rejection (200-858 MHz) 2
20
21
-
dB
Rejection (878-1500 MHz) 2
20
23
-
dB
Phase Variation, Fc ± 0.3 MHz
-
4
10
deg
Group Delay Variation, Fc ± 0.3 MHz
-
150
200
ns
Return Loss at Fc
6
10
-
dB
Source/Load Impedance
50
Ω
SPECIFICATION
Notes:
1. At response peak.
2. All dB values are relative to the insertion loss level of note 1,
3. Typical frequency shift with temperature is ΔF/Fc = 0.03(T-Tref)2ppm (Tref is TBD)
Notes:
•
2% tolerance matching components are recommended.
•
Tuning values shown are for reference only. Optimum values may change depending upon board layout.
MAXIMUM RATINGS
MATCHING CIRCUIT
Parameter
Min
Max
Units
Storage Temperature Range
-45
85
°C
Operating Temperature Range (T)
-30
60
°C
Input Power Level
-
10
dBm
8/2012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com