Electronic Components Datasheet Search
  English  ▼

X  

NT331 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # NT331
Description  General small signal amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

NT331 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  NT331 Datasheet HTML 1Page - KODENSHI_AUK CORP. NT331 Datasheet HTML 2Page - KODENSHI_AUK CORP. NT331 Datasheet HTML 3Page - KODENSHI_AUK CORP. NT331 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5G001-000
1
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE(sat)=0.15V(Max.)
• Extremely small size package: 0.8x0.6x0.4 ㎜ Typ.
• Complementary pair with NT332
Ordering Information
Type NO.
Marking
Package Code
NT331
N□
SOT-923
□
:hFE rank
Outline Dimensions
unit : mm
NT331
NPN silicon transistor
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Base
2. Emitter
3. Collector
0.75~0.85
0.90~1.10
0.05 Max.
0.36~0.43
0.36~0.42
Equivalent Circuit


Similar Part No. - NT331

ManufacturerPart #DatasheetDescription
logo
AUK corp
NT331 AUK-NT331 Datasheet
281Kb / 4P
NPN silicon transistor
More results

Similar Description - NT331

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
General small signal amplifier (General small signal amplifier)
STC945 AUK-STC945 Datasheet
95Kb / 3P
General small signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980E KODENSHI-2SA1980E Datasheet
223Kb / 4P
General small signal amplifier
2SA1980EF KODENSHI-2SA1980EF Datasheet
247Kb / 4P
General small signal amplifier
2SA1980UF KODENSHI-2SA1980UF Datasheet
233Kb / 4P
General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
General small signal amplifier
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
GENERAL SMALL SIGNAL AMPLIFIER
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
General small signal amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com