Electronic Components Datasheet Search
  English  ▼

X  

74LVC00ABQ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC00ABQ
Description  Quad 2-input NAND gate Rev. 7 ??25 April 2012
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC00ABQ Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC00ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC00ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVC00A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 25 April 2012
4 of 14
NXP Semiconductors
74LVC00A
Quad 2-input NAND gate
9.
Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25
°C.
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
1.08
-
-
1.08
-
V
VCC = 1.65 V to 1.95 V
0.65
× VCC -
-
0.65
× VCC -V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 1.2 V
-
-
0.12
-
0.12
V
VCC = 1.65 V to 1.95 V
-
-
0.35
× VCC -0.35 × VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output
voltage
VI =VIH or VIL
IO =
−100 μA;
VCC =1.65Vto3.6V
VCC
− 0.2
-
-
VCC
− 0.3
-
V
IO =
−4mA; VCC = 1.65 V
1.2
-
-
1.05
-
V
IO =
−8mA; VCC = 2.3 V
1.8
-
-
1.65
-
V
IO =
−12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO =
−18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO =
−24 mA; VCC = 3.0 V
2.2
-
-
2.0
-
V
VOL
LOW-level
output
voltage
VI =VIH or VIL
IO = 100
μA;
VCC = 1.65 V to 3.6 V
-
-
0.2
-
0.3
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.65
V
IO =8mA; VCC = 2.3 V
-
-
0.6
-
0.8
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V; VI =5.5 V orGND -
±0.1
±5-
±20
μA
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-40
μA
ΔICC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC
− 0.6 V; IO =0A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-
4.0
--
-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com