Electronic Components Datasheet Search
  English  ▼

X  

593D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 3 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix 593D Datasheet HTML 7Page - Vishay Siliconix 593D Datasheet HTML 8Page - Vishay Siliconix 593D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
593D
www.vishay.com
Vishay Sprague
Revision: 08-Jan-14
3
Document Number: 40005
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capacitors may bear a different marking scheme if a part with more extensive screening is substituted.
These would include, for example, “P” for professional series (TP3).
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT + 85 °C; 2.7 VDC AT + 125 °C
15
A
593D156(1)004A(2)
0.6
6
1.500
0.22
22
A
593D226(1)004A(2)
0.9
6
1.500
0.22
33
A
593D336(1)004A(2)
1.3
6
1.500
0.22
33
B
593D336(1)004B(2)
1.3
6
0.500
0.41
47
A
593D476(1)004A(2)
1.9
14
0.800
0.31
47
B
593D476(1)004B(2)
1.9
6
0.500
0.41
68
B
593D686(1)004B(2)
2.7
6
0.500
0.41
68
C
593D686(1)004C(2)
2.7
6
0.275
0.63
100
B
593D107(1)004B(2)
4.0
8
0.450
0.43
100
C
593D107(1)004C(2)
4.0
6
0.225
0.66
150
B
593D157(1)004B(2)
6.0
14
0.500
0.41
150
C
593D157(1)004C(2)
6.0
12
0.250
0.66
150
D
593D157(1)004D(2)
6.0
8
0.150
1.00
220
C
593D227(1)004C(2)
8.8
8
0.200
0.74
220
D
593D227(1)004D(2)
8.8
8
0.150
1.00
330
D
593D337(1)004D(2)
13.2
8
0.150
1.00
470
D
593D477(1)004D(2)
18.8
10
0.125
1.10
470
E
593D477(1)004E(2)
18.8
10
0.100
1.28
680
E
593D687(1)004E(2)
27.2
12
0.100
1.28
6.3 VDC AT + 85 °C; 4 VDC AT 125 °C
10
A
593D106(1)6R3A(2)
0.6
6
2.000
0.19
15
A
593D156(1)6R3A(2)
0.9
6
2.000
0.19
22
A
593D226(1)6R3A(2)
1.3
6
2.000
0.19
22
B
593D226(1)6R3B(2)
1.3
6
0.600
0.38
33
A
593D336(1)6R3A(2)
2.0
14
0.800
0.31
Note
• Part number definitions:
(1) Tolerance: X0, X9, X5
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
Capacitance Code, pF
Indicates Lead (Pb)-free
Polarity Band
Voltage Code
V 104L
A Case
Data Code
Vishay
Sprague Logo
Indicates
Lead (Pb)-free
Voltage
Capacitance
μF
Polarity Band
22
10L
XX
2
B, C, D, E Cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com