Electronic Components Datasheet Search
  English  ▼

X  

AR201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AR201
Description  InfraStruXure 2 Post Open Frame Mechanical Layout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AR201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AR201 Datasheet HTML 1Page - List of Unclassifed Manufacturers AR201 Datasheet HTML 2Page - List of Unclassifed Manufacturers AR201 Datasheet HTML 3Page - List of Unclassifed Manufacturers AR201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical
Net Weight
11.82 KG
Maximum Height
2121.00 mm
Maximum Width
513.00 mm
Maximum Depth
376.00 mm
Shipping Weight
13.64 KG
Shipping Height
2184.00 mm
Weight Capacity (static load)
340.91 KG
Rack Height
45U
Color
Black
Vertical Posts
3 gauge
Conformance
Regulatory Approvals
UL Listed
Standard Warranty
2 years repair or replace
Standards
EIA-310-D, EIA-310-E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com