Electronic Components Datasheet Search
  English  ▼

X  

TWD2216 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWD2216
Description  SPST RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWD2216 Datasheet(HTML) 1 Page - API Technologies Corp

  TWD2216 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPST RF SWITCH
Package: 14 Pin DIP (DP3)
MODEL
TWD2216
Also Available In: Connectorized Housings
Features
5 - 3000 MHz
RF2 Terminated in ‘OFF’ State
Integral TTL Driver
Environmental ScreeningAvailable
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage .................................................................. +6.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
DC Bias (mA)
0.025
1.0 Max.
VSWR “ON”/”OFF”
5 - 1000 MHz
1.25:1
1.4:1 Max.
5 - 2000 MHz
1.5:1
1.6:1 Max.
Switching Speed (ns)
Frequency
5 - 3000 MHz
5 - 3000 MHz
1dB Compression (dBm)
50 MHz
+18.5
+18.0 Min.
500 - 3000 MHz
+24.0
+22.0 Min.
Isolation (dB)
Insertion Loss (dB)
5 - 1000 MHz
0.8
1.2 Max.
5 - 2000 MHz
1.2
1.5 Max.
(50% TTL to 90% RF)
60
Rev.
10/25/10
5 - 3000 MHz
1.8
2.2 Max.
5 - 1000 MHz
50
46 Min.
5 - 2000 MHz
36
34 Min.
5 - 3000 MHz
31
29 Min.
5 - 3000 MHz
1.5:1
1.7:1 Max.
(4.5 to 5.5 VDC)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWD2216

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
More results

Similar Description - TWD2216

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2215 APITECH-TWD2215 Datasheet
204Kb / 1P
SPST RF SWITCH MODEL
TWP2231 APITECH-TWP2231 Datasheet
165Kb / 1P
SPST RF SWITCH MODEL
TWP2216 APITECH-TWP2216 Datasheet
182Kb / 1P
SPST RF SWITCH MODEL
TWP2215 APITECH-TWP2215 Datasheet
57Kb / 1P
SPST RF SWITCH MODEL
TWP2214 APITECH-TWP2214 Datasheet
57Kb / 1P
SPST RF SWITCH MODEL
TWP2209 APITECH-TWP2209 Datasheet
101Kb / 1P
SPST RF SWITCH MODEL
TWM6001 APITECH-TWM6001 Datasheet
188Kb / 1P
SPST RF SWITCH MODEL
TWM5000 APITECH-TWM5000 Datasheet
189Kb / 1P
SPST RF SWITCH MODEL
TWGP2114 APITECH-TWGP2114 Datasheet
50Kb / 1P
SPST RF SWITCH MODEL
TWGP2113 APITECH-TWGP2113 Datasheet
195Kb / 1P
SPST RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com