Electronic Components Datasheet Search
  English  ▼

X  

54LS123 Datasheet(PDF) 6 Page - Motorola, Inc

Part # 54LS123
Description  RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS123 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button 54LS123 Datasheet HTML 2Page - Motorola, Inc 54LS123 Datasheet HTML 3Page - Motorola, Inc 54LS123 Datasheet HTML 4Page - Motorola, Inc 54LS123 Datasheet HTML 5Page - Motorola, Inc 54LS123 Datasheet HTML 6Page - Motorola, Inc 54LS123 Datasheet HTML 7Page - Motorola, Inc 54LS123 Datasheet HTML 8Page - Motorola, Inc 54LS123 Datasheet HTML 9Page - Motorola, Inc 54LS123 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5-202
FAST AND LS TTL DATA
SN54/74LS122
• SN54/74LS123
Figure 8
Figure 5. K versus VCC
Figure 6. K versus VRC
Figure 7. K versus VCC and VRC
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC = 5 V
Cext = 1000 pF
VRC
Cext = 1000 pF
0.55
0.5
K
0.45
0.4
0.35
4.5
5
5.5
VCC = VRC
125°C
70°C
25°C
0°C
- 55°C
VRC = 5 V
Cext = 1000 pF
125°C
70°C
0°C
- 55°C
125°C
25°C
0°C
- 55°C
70°C
25°C
100000
10000
1000
100
10
1
10
100
1000
Cext, EXTERNAL TIMING CAPACITANCE (pF)
Rext = 80 kΩ
Rext = 40 kΩ
Rext = 20 kΩ
Rext = 10 kΩ
Rext = 5 kΩ
Rext = 260 kΩ
Rext = 160 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com