Electronic Components Datasheet Search
  English  ▼

X  

TWP2248 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWP2248
Description  SP3T RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWP2248 Datasheet(HTML) 1 Page - API Technologies Corp

  TWP2248 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP3T RF SWITCH
MODEL TWP2248
Package: FP14 - 16 Lead Flatpack
Also Available in: Connnectorized Housings
Features
5-2000 MHz; Integral TTL Driver
Fast Switching Speed: 20 ns Typical (GaAs)
RF1-RF3 Terminated in “OFF” State
Enviromental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Rev.
10/25/10
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................. -55ºC to +100 ºC
Storage Temperature .................................. -65ºC to +125 ºC
Case Temperature ................................................... +125 ºC
DC Voltage .......................................................... +7.0 Volts
Continuous RF Input Power ................................... +30 dBm
Pin Layout
Note: Care should always be taken to effectively ground the case of each unit.
Frequency
5 - 2000 MHz
5 - 2000 MHz
VSWR
“ON”
1.8:1
2.0:1 Max.
Switching
Speed (ns)
20
Isolation (dB)
45
34 Min.
Insertion Loss (dB)
1.2
2.0 Max.
Control Input
Switch Position
Truth Table
Typical Performance Data
DC
Vdc
+ 5
+ 5 Max.
Bias
mA
0.5
1.0 Max.
RF Common to RF
Throw
Legend
+25 ºC
+ 85 ºC - - - - - - -55 ºC
TTL
1
0
Low Loss (“ON”)
Isolated (“OFF”)
Transients (mV)
80
1 dB Compression (dBm)
50 MHz
21
500 - 2000 MHz
27
Intercept Points (dBm)
IP
2
IP
3
50 MHz
+62
+40
500 - 2000 MHz
+68
+46
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWP2248

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
SP3T RF SWITCH
More results

Similar Description - TWP2248

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD2241 SPECTRUM-TWD2241 Datasheet
63Kb / 1P
SP3T RF SWITCH
TWH5016 SPECTRUM-TWH5016 Datasheet
55Kb / 1P
SP3T RF SWITCH
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
SP3T RF SWITCH
logo
API Technologies Corp
TWH5016 APITECH-TWH5016 Datasheet
183Kb / 1P
SP3T RF SWITCH MODEL
TWD2300 APITECH-TWD2300 Datasheet
72Kb / 1P
SP3T RF SWITCH MODEL
TWD2241 APITECH-TWD2241 Datasheet
206Kb / 1P
SP3T RF SWITCH MODEL
logo
Infineon Technologies A...
BGS13SL9 INFINEON-BGS13SL9 Datasheet
2Mb / 14P
Wideband RF SP3T Switch
Revision 2.4, 2014-05-27
BGS13S2N9 INFINEON-BGS13S2N9 Datasheet
1Mb / 14P
Wideband RF SP3T Switch
Revision 1.0 - 2016-02-02
logo
Mini-Circuits
JSW3-23DR-75 MINI-JSW3-23DR-75 Datasheet
384Kb / 7P
SP3T RF Switch
JSW3-272DR MINI-JSW3-272DR Datasheet
380Kb / 7P
SP3T RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com