Electronic Components Datasheet Search
  English  ▼

X  

TWP2233 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWP2233
Description  SPDT RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWP2233 Datasheet(HTML) 1 Page - API Technologies Corp

  TWP2233 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IP2
IP3
Legend
+25 ºC
+85 ºC
-55 ºC
Typical Performance Data
RF Common to RF Throw
RF1
RF2
TTL
Control Input
SPDT RF SWITCH
MODEL TWP2233
Available in:
0.82” x 0.49” 14 Pin Flatpack
and Connectorized Housings
Features
5 - 2000 MHz
Fast Switching Speed: 30 ns Typical (GaAs)
Integral TTL Driver
Absorptive
Screening to the tables of MIL-STD-883 available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ..................... -55ºC to +100 ºC
Storage Temperature ....................................... -65ºC to +125 ºC
Case Temperature ......................................................... +125 ºC
DC Voltage ................................................................. +7.0 Volts
Continuous RF Input Power ......................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
Truth Table
DC
Vdc
+5.0
+5.0
Blas
mA
0.01
0.05 Max.
Intercept Points (dBm)
50 MHz
+40
+30
500 - -2000 MHz
+65
+42
1dB Compression (dBm)
50 MHz
+15
500 - 2000 MHz
+25
Switching
Speed (ns)
30
Switch Condition
ON
OFF
OFF
ON
0
1
Frequency
5 - 2000 MHz
5 - 2000 MHz
Insertion Loss (dB)
1.5
2.0 Max.
Isolation (dB)
45
40 Min.
VSWR
1.25:1
1.75:1 Max.
Transients (mV)
100
3
4
2
1
0
Start 5 MHz
Stop 2000 MHz
2.0
1.5
1.0
Start 5 MHz
Stop 2000 MHz
60
80
40
20
0
Start 5 MHz
Stop 2000 MHz
2.0
1.5
1.0
Start 5 MHz
Stop 2000 MHz
Insertion Loss (dB)
Input VSWR
Isolation (dB)
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
5/17/10


Similar Part No. - TWP2233

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2233 SPECTRUM-TWP2233 Datasheet
42Kb / 1P
SPDT RF SWITCH
More results

Similar Description - TWP2233

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2207 APITECH-TWD2207 Datasheet
199Kb / 1P
SPDT RF SWITCH MODEL
TWD2206 APITECH-TWD2206 Datasheet
206Kb / 1P
SPDT RF SWITCH MODEL
TWP2219 APITECH-TWP2219 Datasheet
197Kb / 1P
SPDT RF SWITCH MODEL
TWP2204 APITECH-TWP2204 Datasheet
206Kb / 1P
SPDT RF SWITCH MODEL
TWP2202 APITECH-TWP2202 Datasheet
207Kb / 1P
SPDT RF SWITCH MODEL
TWN6201 APITECH-TWN6201 Datasheet
48Kb / 1P
SPDT RF SWITCH MODEL
TWK2201 APITECH-TWK2201 Datasheet
197Kb / 1P
SPDT RF SWITCH MODEL
TWH7230 APITECH-TWH7230 Datasheet
190Kb / 1P
SPDT RF SWITCH MODEL
TWD5015 APITECH-TWD5015 Datasheet
194Kb / 1P
SPDT RF SWITCH MODEL
TWD5001 APITECH-TWD5001 Datasheet
203Kb / 1P
SPDT RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com