Electronic Components Datasheet Search
  English  ▼

X  

TWP2209 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWP2209
Description  SPST RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWP2209 Datasheet(HTML) 1 Page - API Technologies Corp

  TWP2209 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPST RF SWITCH
MODEL
TWP2209
Features
n
n
n
n
n DC - 3000 MHz
n
n
n
n
n RF2 Terminated in “OFF” Position
n
n
n
n
n Fast Switching Speed: 10 ns Typical
n
n
n
n
n Environmental Screening Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ........................ -55ºC to + 100 ºC
Storage Temperature ......................................... -65ºC to + 125 ºC
Case Temperature .......................................................... + 125 ºC
DC Voltage ................................................................... -8.5 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
Control
Vdc
-5.0 to -8.0
-8.0 Max.
Input High
mA
0.150
0.500 Max.
VSWR
In
<1.25:1
1.6:1 Max.
Out
<1.25:1
1.5:1 Max.
Switching Speed (ns)
Frequency
DC - 3000 MHz
DC - 3000 MHz
I
solation (dB)
45
27 Min.
Insertion Loss (dB)
1.0
1.5 Max.
10
Revision 3/18/2013
Available as: TWP2209, 8 Lead 0.180” Sq. Flatpack (FP7)
BXW2209, SMA Connectorized Housing
Control
Vdc
0 to -0.2
0 Max.
Input Low
mA
0.010
0.030 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWP2209

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
More results

Similar Description - TWP2209

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2216 APITECH-TWD2216 Datasheet
205Kb / 1P
SPST RF SWITCH MODEL
TWD2215 APITECH-TWD2215 Datasheet
204Kb / 1P
SPST RF SWITCH MODEL
TWP2231 APITECH-TWP2231 Datasheet
165Kb / 1P
SPST RF SWITCH MODEL
TWP2216 APITECH-TWP2216 Datasheet
182Kb / 1P
SPST RF SWITCH MODEL
TWP2215 APITECH-TWP2215 Datasheet
57Kb / 1P
SPST RF SWITCH MODEL
TWP2214 APITECH-TWP2214 Datasheet
57Kb / 1P
SPST RF SWITCH MODEL
TWM6001 APITECH-TWM6001 Datasheet
188Kb / 1P
SPST RF SWITCH MODEL
TWM5000 APITECH-TWM5000 Datasheet
189Kb / 1P
SPST RF SWITCH MODEL
TWGP2114 APITECH-TWGP2114 Datasheet
50Kb / 1P
SPST RF SWITCH MODEL
TWGP2113 APITECH-TWGP2113 Datasheet
195Kb / 1P
SPST RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com