Electronic Components Datasheet Search
  English  ▼

X  

TWGP2113 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWGP2113
Description  SPST RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWGP2113 Datasheet(HTML) 1 Page - API Technologies Corp

  TWGP2113 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPST RF SWITCH
MODEL TWGP2113
Available as: TWGP2113, 10 Lead Gull-Wing (SG18)
BXW2113, Connectorized Housing
Features
DC - 2.0 GHz
Fast Switching Speed: 15 ns Typical
Internal TTL Driver
OperatingTemp. -55 ºC to + 85 ºC
Absorptive
RF1 Terminated in “OFF” State
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Rev.
10/13/10
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................. -55ºC to +100 ºC
Storage Temperature .................................. -65ºC to +125 ºC
Case Temperature ................................................... +125 ºC
DC Voltage ........................................................ +/-6.0 Volts
Continuous RF Input Power ................................... +30 dBm
Pin Layout
Notes:
1. Care should always be taken to effectively ground the case of each unit.
2. Typical performance taken at midband.
Frequency
DC - 2.0 GHz
DC - 2.0 GHz
VSWR
“ON”
1.8:1
2.0:1 Max.
RF1
“OFF”
1.25:1
1.5:1 Max.
Switching
Speed (nsec)
20
50 Max.
Isolation (dB)
50
35 Min.
Insertion Loss (dB)
1.5
1.75 Max.
Control Input
Switch Position
1
TTL
RF1 to RF2
Truth Table
Typical Performance Data
Legend
+85 ºC
-55 ºC
+25 ºC
0
OFF
ON
DC
Vdc
+/- 5 V
+/- 6 V Max.
Bias
mA
0.5
1.2 Max.
2.0
1.0
0
-75
-30
-60
2.0
1.5
1.0
2.0
1.5
1.0
Start DC
Start DC
Stop 3000 MHz
Start DC
Stop 3000 MHz
Start DC
-15
-45
Insertion Loss (dB)
Isolation (dB)
“ON” VSWR
“OFF” VSWR
Stop 3000 MHz
Stop 3000 MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWGP2113

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWGP2114 APITECH-TWGP2114 Datasheet
50Kb / 1P
SPST RF SWITCH MODEL
More results

Similar Description - TWGP2113

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2216 APITECH-TWD2216 Datasheet
205Kb / 1P
SPST RF SWITCH MODEL
TWD2215 APITECH-TWD2215 Datasheet
204Kb / 1P
SPST RF SWITCH MODEL
TWP2231 APITECH-TWP2231 Datasheet
165Kb / 1P
SPST RF SWITCH MODEL
TWP2216 APITECH-TWP2216 Datasheet
182Kb / 1P
SPST RF SWITCH MODEL
TWP2215 APITECH-TWP2215 Datasheet
57Kb / 1P
SPST RF SWITCH MODEL
TWP2214 APITECH-TWP2214 Datasheet
57Kb / 1P
SPST RF SWITCH MODEL
TWP2209 APITECH-TWP2209 Datasheet
101Kb / 1P
SPST RF SWITCH MODEL
TWM6001 APITECH-TWM6001 Datasheet
188Kb / 1P
SPST RF SWITCH MODEL
TWM5000 APITECH-TWM5000 Datasheet
189Kb / 1P
SPST RF SWITCH MODEL
TWGP2114 APITECH-TWGP2114 Datasheet
50Kb / 1P
SPST RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com