Electronic Components Datasheet Search
  English  ▼

X  

TON9311 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TON9311
Description  Voltage Controlled Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TON9311 Datasheet(HTML) 1 Page - API Technologies Corp

  TON9311 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9311
Available as:
TOM9311, 4 Pin TO-8 (T4)
TON9311, 4 Pin Surface Mount (SM3)
TOP9311, 4 Pin Flatpack (FP4)
BXO9311, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Bipolar Transistor
!
!
!
!
! Broad Tuning Range
!
!
!
!
! Operating Case Temp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta=25ºC
Ta=-55ºCto+85ºC
Typical Performance Data
Specifications
02/16/05
Maximum Ratings
Ambient Operating Temperature ........... -55ºC to + 100 ºC
Storage Temperature ............................ -62ºC to + 125 ºC
Case Temperature .............................................. + 125 ºC
DC Voltage ........................................................ + 20 Volts
Maximum DC Tuning Voltage ............................ + 20 Volts
Minimum DC Tuning Voltage ................................... 0 Volt
Note: Care should always be taken to effectively ground the case of each unit.
Legend
+25 ºC
+85 ºC - - - - - - - -55 ºC
Notes:
1. Phase noise is measured using the Aerofles PN9000.
2. Worst cae phase noise @ 100KHZ offset across frequency
rance and temperature extremes is - 100 dBc/Hz.
550 - 850 MHz
Frequency
Output Power (dBm)
+12
+10 Min.
Power Flatness (dB)
±0.3
±1.0 Max.
Tuning Voltage Range (v)
1 to 10
0 to 12
Tuning Voltage
Sensitivity (MHz/V)
30
20 Min.
Harmonics (dBc)
-20
-15 Max.
Spurious (dBc)
<-80
-80 Max.
Phase Noise
@ 100 KHz (dBc/hz)
---
5MHz Min.
Pushing (MHz/V)
3
4.0 Max.
Pulling (MHz); 20 dB RL
10
15.0 Max.
Frequency Drift (MHz/ºC
0.3
0.7 Max.
Power
Vdc
+12
+12
mA
35
40 Max.
550 - 850 MHz
550 - 850 MHz
27
8
01
03
05
6
9
10
0
26
7
19
04
5
8
10
+11
+10
+12
+13
500
600
650
700
750
800
900
3
4
550
850
Tuning Voltage (Volts)
Tuning Voltage (Volts)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TON9311

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TON9310 APITECH-TON9310 Datasheet
50Kb / 1P
Voltage Controlled Oscillator
TON9313 APITECH-TON9313 Datasheet
47Kb / 1P
Voltage Controlled Oscillator
TON9314 APITECH-TON9314 Datasheet
47Kb / 1P
Voltage Controlled Oscillator
TON9315 APITECH-TON9315 Datasheet
49Kb / 1P
Voltage Controlled Oscillator
TON9316 APITECH-TON9316 Datasheet
50Kb / 1P
Voltage Controlled Oscillator
More results

Similar Description - TON9311

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com