Electronic Components Datasheet Search
  English  ▼

X  

TON9310 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TON9310
Description  Voltage Controlled Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TON9310 Datasheet(HTML) 1 Page - API Technologies Corp

  TON9310 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOLTAGE CONTROLLED
OSCILLATOR
TOM9310
Available as:
TOM9310, 4 Pin TO-8 (T4)
TON9310, 4 Pin Surface Mount (SM3)
TOP9310, 4 Pin Flatpack (FP4)
BXO9310, Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Bipolar Transistor
!
!
!
!
! Broad Tuning Range
!
!
!
!
! Operating Case Temp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta=25ºC
Ta=-55ºCto+85ºC
Typical Performance Data
Specifications
02/16/05
Maximum Ratings
Ambient Operating Temperature ........... -55ºC to + 100 ºC
Storage Temperature ............................ -62ºC to + 125 ºC
Case Temperature .............................................. + 125 ºC
DC Voltage ........................................................ + 15 Volts
Maximum DC Tuning Voltage ............................ + 15 Volts
Minimum DC Tuning Voltage ................................... 0 Volt
Note: Care should always be taken to effectively ground the case of each unit.
Legend ------------- + 25 ºC -- -- -- +85 ºC - - - - - - -55 ºC
Notes:
1. Phase Noise is measured using the Aeroflex PN9000.
2. Worst case phase noise @ 100KHz offset across frequency
range and temperature extremes is -110dBc/Hz.
Frequency
470 - 570 MHz
470 - 570 MHz
Output Power (dBm)
+12
+10 Min.
Power Flatness (dB)
±0.25
±0.5 Max.
Tuning Voltage Range (v)
1 to 10
0 to 15
Tuning Voltage
Sensitivity (MHz/V)
25
10 Min.
Harmonics (dBc)
-17
-12 Max.
Spurious (dBc)
<-80
-80 Max.
3dB Modulation BW,
Zg = 50 Ohms
---
5MHz Min.
Pushing (MHz/V)
0.5
1.0 Max.
Pulling (MHz); 12 dB RL
12
20 Max.
Frequency Drift (MHz/ºC
0.125
0.25 Max.
Power
Vdc
+9
+9
mA
16
20 Max.
26
7
01
03
04
5
8
26
7
13
04
5
8
26
7
13
04
5
8
9
+12
+11
+13
+14
440
470
500
530
560
590
620
9
Tuning Voltage (Volts)
Tuning Voltage (Volts)
470 - 570 MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TON9310

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TON9311 APITECH-TON9311 Datasheet
50Kb / 1P
Voltage Controlled Oscillator
TON9313 APITECH-TON9313 Datasheet
47Kb / 1P
Voltage Controlled Oscillator
TON9314 APITECH-TON9314 Datasheet
47Kb / 1P
Voltage Controlled Oscillator
TON9315 APITECH-TON9315 Datasheet
49Kb / 1P
Voltage Controlled Oscillator
TON9316 APITECH-TON9316 Datasheet
50Kb / 1P
Voltage Controlled Oscillator
More results

Similar Description - TON9310

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com