Electronic Components Datasheet Search
  English  ▼

X  

74LS15 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS15
Description  TRIPLE 3-INPUT AND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS15 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS15 Datasheet HTML 1Page - Motorola, Inc 74LS15 Datasheet HTML 2Page - Motorola, Inc 74LS15 Datasheet HTML 3Page - Motorola, Inc 74LS15 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-51
FAST AND LS TTL DATA
TRIPLE 3-INPUT AND GATE
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
*
*OPEN COLLECTOR OUTPUTS
*
*
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
VOH
Output Voltage — High
54, 74
5.5
V
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS15
TRIPLE 3-INPUT AND GATE
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - 74LS15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LS150 FAIRCHILD-74LS150 Datasheet
47Kb / 4P
Data Selectors/Multiplexers
logo
Motorola, Inc
74LS151 MOTOROLA-74LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
logo
ON Semiconductor
74LS151 ONSEMI-74LS151 Datasheet
111Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS151 TI-74LS151 Datasheet
822Kb / 22P
DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
74LS151 FAIRCHILD-74LS151 Datasheet
70Kb / 7P
1-of-8 Line Data Selector/Multiplexer
More results

Similar Description - 74LS15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M54HC11 STMICROELECTRONICS-M54HC11 Datasheet
233Kb / 9P
TRIPLE 3-INPUT AND GATE
Feb-1993
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com