Electronic Components Datasheet Search
  English  ▼

X  

DAC2813 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC2813
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2813 Datasheet(HTML) 9 Page - Burr-Brown (TI)

  DAC2813 Datasheet HTML 1Page - Burr-Brown (TI) DAC2813 Datasheet HTML 2Page - Burr-Brown (TI) DAC2813 Datasheet HTML 3Page - Burr-Brown (TI) DAC2813 Datasheet HTML 4Page - Burr-Brown (TI) DAC2813 Datasheet HTML 5Page - Burr-Brown (TI) DAC2813 Datasheet HTML 6Page - Burr-Brown (TI) DAC2813 Datasheet HTML 7Page - Burr-Brown (TI) DAC2813 Datasheet HTML 8Page - Burr-Brown (TI) DAC2813 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
®
DAC2813
FIGURE 4. DAC2813 Output Amplifier Range Connnections.
22
I
DAC1
22
ACOM
26
23
24
200
100
Ω pot or
fixed
Ω
21
V
REF OUT
V
REF IN1
1k
500
Ω pot or
fixed
Ω
24.9k
Ω
25k
Ω
27
28
±10V
I
DAC1
24
24.9k
Ω
25k
Ω
28
0 to
+10V
100
Ω
±10V Range
0 to +10V Range
BPO1
V
OUT1
25
200
100
Ω pot or
fixed
Ω
BPO2
V
OUT2
1k
500
Ω pot or
fixed
Ω
V
REF IN2
24.9k
Ω
25k
Ω
ACOM
I
DAC2
±10V
I
DAC2
23
24.9k
Ω
27
100
Ω
25
21
26
V
OUT2
V
REF OUT
V
REF IN1
BPO1
V
OUT1
1k
500
Ω pot or
fixed
Ω
1k
500
Ω pot or
fixed
Ω
0 to
+10V
25k
Ω
V
REF IN2
BPO2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com