Electronic Components Datasheet Search
  English  ▼

X  

TM4003 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM4003
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM4003 Datasheet(HTML) 1 Page - API Technologies Corp

  TM4003 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +51 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +45 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +35 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+7
+7
mA
80
85 Max.
RF AMPLIFIER
MODEL
TM4003
Features
!
!
!
!
! High Gain: 20 dB Typical
!
!
!
!
! Output Power: +19.5 dBm Typical
!
!
!
!
! Low +7 Volt Supply
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 500 MHz
10 - 500 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.0
5.0 Max.
VSWR
In
1.4:1
1.75:1 Max.
Out
1.3:1
1.75:1 Max.
Reverse
Isolation (dB)
-23
-22 Max.
Power @ 1 dB
Comp. (dBm)
+19.5
+18.5 Min.
Gain (dB)
+20
+19 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage ........................................................... +8 Volts
Continuous RF Input Power .................................. +10 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Available as:
TM4003, 4 Pin TO-8 (T4)
TN4003, 4 Pin Surface Mount (SM3)
BX4003, Connectorized Housing (H1)
Linear S-Parameters
FREQ.
–––––S11–––––
–––––S21–––––
–––––S12–––––
–––––S22–––––
MHZ
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
============================================================================================
10
.12
-153
10.22
-175
.0707
6
.10
150
30
.12
-176
10.38
180
.0721
1
.07
164
50
.12
178
10.38
178
.0724
1
.07
169
100
.12
168
10.34
174
.0731
0
.07
165
200
.13
153
10.28
168
.0740
-1
.08
162
300
.13
138
10.18
161
.0725
-4
.08
151
400
.15
128
10.00
155
.0727
-6
.09
143
500
.16
117
9.86
149
.0723
-6
.10
137
.
2.0
1.5
1.0
2.0
1.5
1.0
2
6
4
21
20
19
18
17
- 21
- 22
- 23
- 24
- 25
Start 10 MHz
Stop 500 MHZ
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
Start 10 MHz
Stop 500 MHz
3
5
22
21
20
19
18
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
Rev.
10/11/07
www.SpectrumMicrowave.com


Similar Part No. - TM4003

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM4003 SPECTRUM-TM4003 Datasheet
40Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM4003PM APITECH-TM4003PM Datasheet
222Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM4003

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com