Electronic Components Datasheet Search
  English  ▼

X  

SA85A Datasheet(PDF) 2 Page - Motorola, Inc

Part # SA85A
Description  MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SA85A Datasheet(HTML) 2 Page - Motorola, Inc

  SA85A Datasheet HTML 1Page - Motorola, Inc SA85A Datasheet HTML 2Page - Motorola, Inc SA85A Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SA5.0A through SA170A
Motorola TVS/Zener Device Data
4-2
500 Watt Peak Power Data Sheet
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) VF = 3.5 V Max, IF* = 35 A (except bidirectional devices).
Breakdown Voltage
Working Peak
Reverse
Voltage
VRWM**
(Volts)
Maximum
Reverse
Leakage
@ VRWM
IR (µA)
Maximum
Reverse
Surge
Current IRSM{
(Amps)
Maximum
Reverse Voltage
@ IRSM
(Clamping Voltage)
VRSM (Volts)
Maximum
Voltage
Temperature
Variation
of VBR mV/°C
{{VBR{{
(Volts)
@ IT
(mA)
Reverse
Voltage
VRWM**
(Volts)
Reverse
Leakage
@ VRWM
IR (µA)
Reverse
Surge
Current IRSM{
(Amps)
Reverse Voltage
@ IRSM
(Clamping Voltage)
VRSM (Volts)
Voltage
Temperature
Variation
of VBR mV/°C
Device
Min
Max
@ IT
(mA)
VRWM**
(Volts)
@ VRWM
IR (µA)
Current IRSM{
(Amps)
(Clamping Voltage)
VRSM (Volts)
Variation
of VBR mV/°C
SA5.0A
6.4
7
10
5
600
54.3
9.2
5
SA6.0A
6.67
7.37
10
6
600
48.5
10.3
5
SA6.5A
7.22
7.98
10
6.5
400
44.7
11.2
5
SA7.0A
7.78
8.6
10
7
150
41.7
12
6
SA7.5A
8.33
9.21
1
7.5
50
38.8
12.9
7
SA8.0A
8.89
9.83
1
8
25
36.7
13.6
7
SA8.5A
9.44
10.4
1
8.5
5
34.7
14.4
8
SA9.0A
10
11.1
1
9
1
32.5
15.4
9
SA10A
11.1
12.3
1
10
1
29.4
17
10
SA11A
12.2
13.5
1
11
1
27.4
18.2
11
SA12A
13.3
14.7
1
12
1
25.1
19.9
12
SA13A
14.4
15.9
1
13
1
23.2
21.5
13
SA14A
15.6
17.2
1
14
1
21.5
23.2
14
SA15A
16.7
18.5
1
15
1
20.6
24.4
16
SA16A
17.8
19.7
1
16
1
19.2
26
17
SA17A
18.9
20.9
1
17
1
18.1
27.6
19
SA18A
20
22.1
1
18
1
17.2
29.2
20
SA20A
22.2
24.5
1
20
1
15.4
32.4
23
SA22A
24.4
26.9
1
22
1
14.1
35.5
25
SA24A
26.7
29.5
1
24
1
12.8
38.9
28
SA26A
28.9
31.9
1
26
1
11.9
42.1
30
SA28A
31.1
34.4
1
28
1
11
45.4
31
SA30A
33.3
36.8
1
30
1
10.3
48.4
36
SA33A
36.7
40.6
1
33
1
9.4
53.3
39
SA36A
40
44.2
1
36
1
8.6
58.1
41
SA40A
44.4
49.1
1
40
1
7.8
64.5
46
SA43A
47.8
52.8
1
43
1
7.2
69.4
50
SA45A
50
55.3
1
45
1
6.9
72.7
52
SA48A
53.3
58.9
1
48
1
6.5
77.4
56
SA51A
56.7
62.7
1
51
1
6.1
82.4
61
SA54A
60
66.3
1
54
1
5.7
87.1
65
SA58A
64.4
71.2
1
58
1
5.3
93.6
70
SA60A
66.7
73.7
1
60
1
5.2
96.8
71
SA64A
71.1
78.6
1
64
1
4.9
103
76
SA70A
77.8
86
1
70
1
4.4
113
85
SA75A
83.3
92.1
1
75
1
4.1
121
91
SA78A
86.7
95.8
1
78
1
4
126
95
SA85A
94.4
104
1
85
1
3.6
137
103
SA90A
100
111
1
90
1
3.4
146
110
SA100A
111
123
1
100
1
3.1
162
123
SA110A
122
135
1
110
1
2.8
177
133
SA120A
133
147
1
120
1
2.5
193
146
SA130A
144
159
1
130
1
2.4
209
158
SA150A
167
185
1
150
1
2.1
243
184
SA160A
178
197
1
160
1
1.9
259
196
SA170A
189
209
1
170
1
1.8
275
208
** 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
(continued)
** MOSORB transient suppressors are normally selected according to the maximum reverse stand-off voltage (VRWM), which should be equal to or greater than the dc or continuous peak
***operating voltage level.
{{ Surge current waveform per Figure 4 and derate per Figure 2.
{{ VBR measured at pulse test current IT at an ambient temperature of 25°C.
FOR BIDIRECTIONAL APPLICATIONS
Preferred Bidirectional Devices —
USE CA SUFFIX for SA6.0CA through SA170CA
SA6.5CA
SA13CA
SA18CA
Electrical characteristics apply in both directions.
SA12CA
SA15CA
SA24CA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com