Electronic Components Datasheet Search
  English  ▼

X  

TM3114 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3114
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3114 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3114 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -69ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage ........................................................... +8 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 20 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
μsec Max.)
Features
 Low +5 Volt Supply
 Wide 100 - 3000 MHz Bandwidth
 Environmental Screening Available
RF AMPLIFIER
MODEL
TM3114
Available as:
TM3114, 4 Pin TO-8 (T4)
TN3114, 4 Pin Surface Mount (SM3)
BX3114, SMA Connectorized Laser Seal
Housing (H1L)
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +47 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +42 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +34 dBm (Typ.)
Frequency
100 - 3000 MHz
100 - 3000 MHz
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Gain (dB)
21
19 Min.
Out
1.8:1
2.0:1 Max.
VSWR
In
1.8:1
2.0:1 Max
Noise Figure (dB)
2.5
4.0 Max.
Power @ 1 dB Comp. (dBm)
+18
+17 Min
Revision: 7/17/2012
Reverse
Isolation (dB)
-30
-28 Max.
Power
Vdc
+5
+5
mA
125
130 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TM3114

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
TM311 EH-TM311 Datasheet
1Mb / 40P
Compact thermometer, Pt100, 4-wire connection, class A Optionally with integrated IO-Link and 4 to 20 mA transmitter, PC programmable
2022-03-31
logo
API Technologies Corp
TM3110 APITECH-TM3110 Datasheet
196Kb / 1P
RF AMPLIFIER MODEL
TM3110PM APITECH-TM3110PM Datasheet
172Kb / 1P
RF AMPLIFIER MODEL
logo
TOKYO KEISO CO.,LTD.
TM3111 KEISO-TM3111 Datasheet
127Kb / 2P
MINI CONVERTOR UNIT
Dec 2022
TM3112 KEISO-TM3112 Datasheet
127Kb / 2P
MINI CONVERTOR UNIT
Dec 2022
More results

Similar Description - TM3114

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com