Electronic Components Datasheet Search
  English  ▼

X  

TM3110PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3110PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3110PM Datasheet(HTML) 1 Page - API Technologies Corp

  TM3110PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +66 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +63 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +45 dBm (Typ.)
Available as:
TM3110PM, 4 Pin TO-8 (T4)
TN3110PM, 4 Pin Surface Mount (SM3)
BX3110PM, Connectorized Housing (H1)
Features
Superior Phase Noise Performance
High Output Power: +30 dBm Typical
Operating Temp. -55 ºC to +85 ºC
Environmental ScreeningAvailable
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +15 dBm
Short Term RF Input Power ........... 100 mW (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
µsec Max.)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee
RF AMPLIFIER
MODEL
TM3110PM
Residual Phase Noise Test Conditions:
Carrier Frequency: 160 MHz
Power Output +29.0 dBm
Temperature: 25 oC
Agilent ES5500 System
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
-180
-180
-175
-170
-160
-175
-175
-155
-165
-170
Rev.
4/26/10
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
10 - 200 MHz
10 - 200 MHz
Gain (dB)
15.5
15 Min.
Power @ 1 dB
Comp. (dBm)
+30
+29 Min.
Reverse Isolation (dB)
-17
-16 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Noise Figure (dB)
3.5
4.5 Max.
Power
Vdc
+15
+15
mA
240
250 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
*Note: Phase Noise Performance typically tested at midband.
Bandedge performance may vary.
Guaranteed @ 25 ºC (160 MHz) Phase Noise Performance (dBc/Hz)
*
10k
1k
100k
100
1M
-140
-150
-160
-170
-180
-130
Typical
-190
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
Start 10 MHz
Stop 200 MHz
18
16
14
15
17
0
-10
-20
-30
-40
2
4
5
6
+32
+31
+30
+29
2.0
1.75
1.5
2.0
1.75
1.5
3
Gain (dB)
Reverse Isolation (dB)
Phase Noise (dBc/Hz)
1 dB Comp. (dBm)
Noise Figure (dB)
Input VSWR
Output VSWR
+28


Similar Part No. - TM3110PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM3110 APITECH-TM3110 Datasheet
196Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM3110PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com