Electronic Components Datasheet Search
  English  ▼

X  

TM3110 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3110
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3110 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3110 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +66 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +63 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +45 dBm (Typ.)
Features
Superior Phase Noise Performance
High Output Power: +30 dBm Typical
Operating Temp. -55 ºC to +85 ºC
Environmental ScreeningAvailable
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................-55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +15 dBm
Short Term RF Input Power ........... 100 mW (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
µsec Max.)
RF AMPLIFIER
MODEL
TM3110
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Rev.
3/9/11
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
10 - 200 MHz
10 - 200 MHz
Gain (dB)
15.5
15 Min.
Power @ 1 dB
Comp. (dBm)
+30
+29 Min.
Reverse Isolation (dB)
-17
-16 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Noise Figure (dB)
3.5
4.5 Max.
Power
Vdc
+15
+15
mA
240
250 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Available as:
TM3110, 4 Pin TO-8 (T4)
TN3110, 4 Pin Surface Mount (SM3)
BX3110, Connectorized Housing (H1L)


Similar Part No. - TM3110

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM3110PM APITECH-TM3110PM Datasheet
172Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM3110

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com