Electronic Components Datasheet Search
  English  ▼

X  

TM3109 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3109
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3109 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3109 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +85 ºC
Frequency
20 - 500 MHz
20 - 500 MHz
Power
Vdc
+15
+15
m A
160
165 Max.
RF AMPLIFIER
MODEL TM3109
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
1.8
3.0 Max.
VSWR
In
1.5:1
1.8:1 Max.
Out
1.5:1
1.8:1 Max.
Reverse
Isolation (dB)
-20
-19 Max.
Power @ 1 dB
Comp. (dBm)
26
24 Min.
Gain (dB)
15.0
14.0 / 16.0
Specifications
Typical Performance Data
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+60 dBm (Typ.)
Second Order Two Tone Intercept Point.........+55 dBm (Typ.)
Third Order Two Tone Intercept Point.............+40 dBm (Typ.)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
7/29/09
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Operating Case Temperature .................................. +125 ºC
DC Voltage..........................................................+17 Volts
Short Term RF Input Power.......50 Milliwatts (1 Minute Max.)
Maximum Peak Power.....................0.5 Watt (3
µsec Max.)
Frequency
S11
S21
S12
S22
MHz
Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
20
0.20
-30
5.87
-175
0.08
3
0.22
168
66
0.17
-24
5.89
170
0.08
-4
0.22
165
112
0.17
-33
5.88
161
0.08
-8
0.22
158
158
0.17
-42
5.85
152
0.08
-11
0.21
150
204
0.17
-52
5.81
144
0.08
-16
0.21
142
250
0.17
-63
5.77
136
0.08
-19
0.20
135
296
0.17
-74
5.72
127
0.08
-23
0.20
127
342
0.17
-84
5.68
119
0.08
-27
0.20
119
388
0.17
-96
5.64
111
0.08
-31
0.19
112
434
0.17
-107
5.57
103
0.09
-36
0.19
104
500
0.17
-118
5.50
95
0.09
-38
0.19
97
Linear S-Parameters
Legend
+ 25 ºC
+ 85 ºC - - - - - - -40 ºC
Features
!
!
!
!
! Low Noise Figure: 1.8 dB Typical
!
!
!
!
! High Second Order Harmonics: +60 dBm Typical
!
!
!
!
! Unconditionally Stable
!
!
!
!
! Environmental ScreeningAvailable
Available as:
TM3109, 4 Pin TO-8 (T4)
TN3109, 4 Pin Surface Mount (SM3)
BX3109, Connectorized Housing (H1)


Similar Part No. - TM3109

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3100 SPECTRUM-TM3100 Datasheet
41Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM3100 APITECH-TM3100 Datasheet
42Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3101 SPECTRUM-TM3101 Datasheet
36Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM3101 APITECH-TM3101 Datasheet
37Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3102 SPECTRUM-TM3102 Datasheet
67Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM3109

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com