Electronic Components Datasheet Search
  English  ▼

X  

TM3108 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3108
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3108 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3108 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +85 ºC
Frequency
20 - 500 MHz
20 - 500 MHz
Power
Vdc
+15
+15
mA
160
180 Max.
RF AMPLIFIER
MODEL TM3108
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
2.5
4.5 Max.
VSWR
In
1.5:1
1.8:1 Max.
Out
1.5:1
1.8:1 Max.
Reverse
Isolation (dB)
-40
-35 Max.
Power @ 1 dB
Comp. (dBm)
26
24.5 Min.
Gain (dB)
29
27 Min.
Specifications
Typical Performance Data
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+60 dBm (Typ.)
Second Order Two Tone Intercept Point.........+55 dBm (Typ.)
Third Order Two Tone Intercept Point.............+40 dBm (Typ.)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
7/8/10
Features
High Gain: 29 dB Typical
High Second Order Harmonics: +60 dBm Typical
Unconditionally Stable
RoHs Compliant
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Maximum Operating Case Temperature ................. + 125 ºC
DC Voltage..........................................................+17 Volts
Continuous RF Input Power...................................+15 dBm
Short Term RF Input Power...........+17 dBm (1 Minute Max.)
Maximum Peak Power...................+20 dBm (3
µsec Max.)
Legend
+25 ºC
+85 ºC - - - - - - -40 ºC
Available as:
TM3108, 4 Pin TO-8 (T4)
TN3108, 4 Pin Surface Mount (SM3)
BX3108, Hermetic Seal SMA Replaceable
Female Connectors (H1L)


Similar Part No. - TM3108

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3100 SPECTRUM-TM3100 Datasheet
41Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM3100 APITECH-TM3100 Datasheet
42Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3101 SPECTRUM-TM3101 Datasheet
36Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM3101 APITECH-TM3101 Datasheet
37Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3102 SPECTRUM-TM3102 Datasheet
67Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM3108

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com