Electronic Components Datasheet Search
  English  ▼

X  

FPL9010 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FPL9010
Description  RF LIMITER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FPL9010 Datasheet(HTML) 1 Page - API Technologies Corp

  FPL9010 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF LIMITER
MODEL TL9010
Available as:
TL9010,
4 Pin TO-8 (T4)
TNL9010, 4 Pin Surface Mount (SM3)
FPL9010, 4 Pin Flatpack (FP4)
BXL9010, Connectorized Housing (H1)
Features




Voltage Variable Limiting Level
 Good Even Order Harmonic Suppresion




Low Insertion Loss




Low VSWR




4 Pin TO-8 Metal Hermetic Package




Operating Temp. -55 ºC to + 85ºC
CHARACTERISTIC
TYPICAL
MIN/MAX
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 25 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Power.... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power.................... 0.5 Watt (3
μsec Max.)
Revision 2/22/2012
Frequency (MHz)
Insertion Loss @
Pin < -20 dBm (Max)
2.0
3.5
5-1000 MHz
3.0
5.5
Input VSWR (Max)
Pin <-10 dBm,
1.7:1
2.1:1
+10 Vdc< V bias< +20 Vdc
Output VSWR (Max)
Pin <-10 dBm,
+10 Vdc< V bias< +20 Vdc
1.7:1
2.2:1
5-1000 MHz
2.0:1
2.5:1
Output Limiting Level
Pin=+20 dBm
2.5
4.5
5-2000 MHz
6.5
7.0
Bias Current (Max)
@ 15Vdc
7
10
@ 20Vdc
10
15
Legend:______+5Vdc __ __ __+10Vdc _ _ _ _+15Vdc - - - - - -+20Vdc
Ta= 25 ºC
Ta = -55 ºC to +85ºC
1000-3000 MHz
1000-3000 MHz
2000-3000 MHz
5 - 3200 MHz
5 - 3000 MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - FPL9010

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FPL9011 APITECH-FPL9011 Datasheet
76Kb / 1P
RF LIMITER MODEL
More results

Similar Description - FPL9010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL9011 ETC-TL9011 Datasheet
99Kb / 1P
RF LIMITER
logo
API Technologies Corp
TL9011 APITECH-TL9011 Datasheet
76Kb / 1P
RF LIMITER MODEL
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com